PART |
Description |
Maker |
BP5232-33A BP5233-33A BP5234-33A BP5232-25A |
DC / DC converter Regulator LSIs > General purpose regulator module > Large current output DC/DC converter module Power Modules > Step-down DC/DC Converter > Large current output DC/DC Converter
|
Rohm CO.,LTD. ROHM[Rohm]
|
ICL7126 ICL7126CPL 1355 ICL7126CQH 7126CPL ICL7126 |
Low power, 3 1/2 digit A/D converter Low Power, 3Digit A/D Converter 低功耗,3?位的A / D转换 Low Power/ 3 Digit A/D Converter Low Power, 3? Digit A/D Converter From old datasheet system Low Power, 3 Digit A/D Converter Low Power, 3? Digit A/D Converter
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
ADDAC80 ADDAC87CBI-I ADDAC87CBI-V ADDAC85MILCBII8 |
Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85C Complete Low Cost Hybrid 12-Bit D/A Converter 0to 70C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85°C Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125°C From old datasheet system IC,D/A CONVERTER,SINGLE Complete low cost, linearity error /- 1/2 LBS, binary input
|
Analog Devices adi
|
ICL7104 ICL7104-14CPL ICL8052 ICL8068 LCL8052CDD L |
14-Bit/16-Bit/ Microprocessor- Compatible/ 2-Chip/ A/D Converter 14-Bit/16-Bit Microprocessor 14-Bit/16-Bit / Microprocessor- Compatible / 2-Chip / A/D Converter 14-BitMicroprocessor-Compatible,
2-Chip, A/D Converter(14位、微处理器兼容的2片A/D转换 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16位、微处理器兼容的2片ADC) 16位微处理器兼容,2芯片,A / D转换16位,微处理器兼容片ADC)的 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16浣??寰??????煎?????DC)
|
Intersil Corporation Intersil, Corp.
|
AFL5005DY/HB AFL5005DZ/HB AFL5015DW/HB AFL5015DY/H |
Hi-Rel DC-DC Standard Dual Converter in a AFL package DC to DC Converter DC至DC转换
|
International Rectifier, Corp.
|
REC5-1215SRWZ REC5-1215SRW REC5-1212SRWZ REC5-1212 |
5W DC/DC converter with 68V input, -12V/ -230mA output, 2kV isolation ECONOLINE - DC/DC - CONVERTER
|
RECOM[Recom International Power] RECOM Power Inc.
|
HA16116FP HA16116FPJ HA16121FP HA16121FPJ |
Standard IC>General-Purpose Linear>ICs for DC/DC Converter Switching Regulator for Chopper Type DC/DC Converter
|
Renesas Electronics Corporation
|
AFL2808SX/CH AFL2812SX/ES AFL2828SW/ES AFL2812S AF |
Hi-Rel DC-DC Standard Single Converter in a AFL package DC to DC Converter
|
International Rectifier
|
TVL05-1220 TVL05-1225 TVL05-1516 TVL05-1520 TYL05- |
DC/DC Converter Multiconductor Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes SERVSWITCH USER CABLE FOR PS2 STYLE 50 FT Input voltage range:4.75-6V, output voltage /-12V ( /-200mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-12V ( /-250/125mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-165mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-200/100mA) DC/DC converter
|
TRACOPOWER[TRACO Electronic AG] TRACO ELECTRONIC AG.
|
LT3570EUFTRPBF |
1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
|
Linear Technology
|
TSI-5.0S4R0P TSI-20 TSI-3.3S3R0 TSI-3.3S3R0F TSI-3 |
DC/DC Converter 直流/直流转换 DC/DC Converter (TSI-20 Series 15/20 Watt)
|
TRACO ELECTRONIC AG. TRACOPOWER[TRACO Electronic AG]
|
AD636J AD636JD AD636JH AD636 AD636K AD636KD AD636K |
DIODE SCHOTTKY SINGLE 50V 333mW 0.41V-vf 15mA-IFM 1mA-IF 0.2uA-IR SOD-123 3K/REEL RMS TO DC CONVERTER, 0.1 MHz, CDIP14 Low Level/ True RMS-to-DC Converter Low Level, True RMS-to-DC Converter
|
Analog Devices, Inc. AD[Analog Devices] http://
|