PART |
Description |
Maker |
MX9691A |
SINGLE CHIP SOLID STATE DISK CONTROLLER
|
MCNIX[Macronix International]
|
MX9691L |
SINGLE CHIP SOLID STATE DISK CONTROLLER
|
MCNIX[Macronix International]
|
MV54152_4 4 MV57152_4 MV50152 MV50152_4 MV53152_4 |
BULLET PROFILE T-1 3/4 SOLID STATE LAMPS Standard Red Tapered Package T-1 3/4 Solid State Lamp High Efficiency Red Clear Lens T-1 3/4 Solid State Lamp Green/Yellow 3 Lead Bicolor T-1 3/4 (5 mm) Solid State Lamps Yellow/High Efficiency Red 3 Lead Bicolor T-1 3/4 (5 mm) Solid State Lamps BULLET PROFILE T-1-3/4 SOLID STATE LAMPS BULLET PROFILE T-1? SOLID STATE LAMPS BULLET PROFILE T-1 SOLID STATE LAMPS BULLET PROFILE T-1? SOLID STATE LAMPS 24VAC/DC LED WHITE BULLET PROFILE T-1SOLID STATE LAMPS
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
53209 53210 53211 |
SPDT SOLID-STATE RELAYS High Power AC/DC Switching TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
QTLP912-2 QTLP912-3 QTLP912-4 QTLP912-9 QTLP913 QT |
SUBMINIATURE T-3/4 (1.9 mm) SOLID STATE LAMPS Green Diffused Subminiature T-3/4 (1.9 mm) Solid State Lamp SUBMINIATURE T-3/4 (1.9mm) SOLID STATE LAMPS Green Subminiature T-3/4 (1.9 mm) Solid State Lamp HER Subminiature T-3/4 (1.9 mm) Solid State Lamp Yellow Subminiature T-3/4 (1.9 mm) Solid State Lamp AlGaAs Red Subminiature T-3/4 (1.9 mm) Solid State Lamp HER Diffused Subminiature T-3/4 (1.9 mm) Solid State Lamp AlGaAs Red Diffused Subminiature T-3/4 (1.9 mm) Solid State Lamp Yellow Diffused Subminiature T-3/4 (1.9 mm) Solid State Lamp
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
D24110-10 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom, Inc.
|
G3NAD210BDC524 G3NA240BDC524 |
Solid State Relays G3NA Wide Lineup of General-purpose Solid State Relays with Applicable Loads of 5 to 90 A
|
Omron Electronics LLC
|
HLMP1700 HLMP1719MP4B HLMP1790 HLMP1700C6A0 |
LOW CURRENT T-100 & T-1 3/4 SOLID STATE LAMPS Low power consumption(low current drive at 2mA), Solid state reliability LOW CURRNET T-100 T-1 3/4 SOLID STATE LAMPS
|
Everlight Electronics Co., Ltd List of Unclassifed Manufacturers Everlight Electronics C...
|
53024 |
SPST SOLID-STATE RELAY TRANSISTOR OUTPUT SOLID STATE RELAY, 1000 V ISOLATION-MAX
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
HA6050-10 HD6025-10 HD6025F-10 |
IC,Normally-Closed Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX PLASTIC PACKAGE-4
|
NXP Semiconductors N.V. Crydom, Inc.
|
TSS2J47 TSS2G45 TSS2G47 TSS2J45 |
SOLID STATE AC RELAY OPTICALLY ISOLATED, ZERO VOLTAGE TURN-ON ZERO CURRENT TURN-OFF, NORMALY OPEN SSR (TSS2x4x) TOSHIBA SOLID STATE AC RELAY
|
TOSHIBA[Toshiba Semiconductor] http://
|