PART |
Description |
Maker |
SC2441ATETRT SC2441AEVB SC2441A |
1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
|
Semtech Corporation
|
FAN5602MP45X FAN5602MP5X FAN5602MU33X |
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
|
Fairchild Semiconductor Corporation
|
AIC1631 AIC1631-3CN AIC1631-3CS AIC1631-5CN AIC163 |
2-Cell, 500mA, Step-Up DC/DC Converter 2节电池,500mA的,升压型DC / DC转换 2-Cell/ 500mA/ Step-Up DC/DC Converter
|
Analog Integrations Corporation AIC[Analog Intergrations Corporation] Analog Integrations, Corp.
|
AN8013SH |
Single-channel step-up or step-down DC-DC converter control IC
|
Panasonic Corporation
|
MB3883PFV MB3883PV |
6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
|
Fujitsu Component Limited.
|
LT3433IFE |
High Voltage Step-Up/Step-Down DC/DC Converter
|
Linear Technology
|
AN8014S AN8014 |
Step-down, step-up, or inverting DC-DC converter control IC
|
PANASONIC[Panasonic Semiconductor]
|
RT9261B RT9216B RT9261B-45CX RT9261B31CX RT9261B32 |
VFM STEP UP DC/DC CONVERTER 衡工量值式升压型DC / DC变换 VFM STEP UP DC/DC CONVERTER 衡工量值式升压DC / DC变换 VFM Step-up DC/DC Converter
|
Electronic Theatre Controls, Inc. N.A. ETC Richtek Technology Corporation http:// Richtek Technology Corp...
|
AZ34063A AZ34063AP-E1 AZ34063AM AZ34063AM-E1 AZ340 |
1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 1.5A的STEP-DOWN/STEP-UP/INVERTING DC - DC变换
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
5962-8687517XX 5962-8687520XX 5962-8687515XX 5962- |
Adjustable, PWM, Step-Down Regulator Improved MX7524 3.3V, Step-Down, Current-Mode PWM DC-DC Converters 12V/15V or Adjustable, High-Efficiency, Low-IQ, Step-Up DC-DC Converters Evaluation Kit for the MAX761 High-Efficiency, PWM, Step-Down Controller (External P-Channel Driver) 5V-Output, Step-Up, Current-Mode PWM DC-DC Converter Evaluation Kit for the MAX747 Digitally Adjustable LCD Bias Supply -12V, Inverting, PWM, Current-Mode DC-DC Converter Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices CCFL Backlight and LCD Negative Contrast Controller Evaluation Kit for the MAX752 3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters x8双端口SRAM x8 Dual-Port SRAM x8双端口SRAM
|
Kingbright, Corp. Mini-Circuits
|
5962-8980501IX 5962-89805012X |
RMS-to-DC Converter 4A, Low-Noise, High-Frequency, Step-Up DC-DC Converter 有效 DC转换
|
Littelfuse, Inc.
|