PART |
Description |
Maker |
STP95N4F3 STB95N4F3 STD95N4F3 |
N-channel 40 V, 5.4 mOhm, 80 A, TO-220 STripFET(TM) III Power MOSFET N-channel 40 V, 5.0, 80 A STripFET III N-channel 40 V, 5.0 mOhm, 80 A, D2PAK STripFET(TM) III Power MOSFET
|
STMicroelectronics ST Microelectronics
|
NTLUS3A18PZC |
Power MOSFET -20V 8.2A 18 mOhm Single P-Channel UDFN6
|
ON Semiconductor
|
NTTFS4945NTAG |
Power MOSFET 30V 34A 9 mOhm Single N-Channel u8FL 7100 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
ON Semiconductor
|
NTTFS4937NTAG NTTFS4937NTWG |
Power MOSFET 30V 75A 4.5 mOhm Single N-Channel u8FL 11000 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Rectron Semiconductor
|
NTMS4177PR2G |
Power MOSFET 30V 11.4 A 19 mOhm Single P-Channel SO-8 6600 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
ON Semiconductor
|
STP110N55F6 |
N-channel 55 V, 4.5 mOhm typ., 110 A STripFET F6 Power MOSFET in a TO-220 package
|
ST Microelectronics
|
BFL4037 |
N-Channel Power MOSFET 500 V 16A 430 mOhm TO-220F-3FS
|
ON Semiconductor
|
STP105N3LL |
N-channel 30 V, 2.7 mOhm typ., 150 A, STripFET(TM) VII DeepGATE(TM) Power MOSFET in a TO-220 package
|
ST Microelectronics
|
STB18NF30 |
Automotive-grade N-channel 330 V, 160 mOhm typ., 18 A STripFET(TM) II Power MOSFET in a D2PAK package
|
ST Microelectronics
|
STL50N25N3LLH5 |
Dual N-channel 30 V, 6 mOhm typ., 14.6 A STripFET(TM) V Power MOSFET in PowerFLAT(TM) 5x6 asymmetrical double island package
|
ST Microelectronics
|
SG200 MC07XSF517 |
Triple 7.0 mOhm and Dual 17 mOhm High-Side Switch
|
Freescale Semiconductor, Inc
|
|