PART |
Description |
Maker |
ID78K3 |
ID78K3 Reference for PC-9801 and 9821 Series (Windows) and IBM PC/ATSeries (Windows) Ver.V1.20 | User's Manual[10/1995] ID78K3参考为PC - 9801821系列(Windows)和IBM的PC / ATSeries(Windows)中Ver.V1.20 |用户手册[10/1995]
|
Duracell
|
SN11083 |
4 Pin, DIP, Single Phototransistor Detector, BVCEO 35V, CTR 20 min @ 5mA, 5V Optocoupler USB to Flash Interface Controller, Mass Storage Class Compliant USB to Flash Interface Controller/ Mass Storage Class Compliant
|
SONIX Technology Co., Ltd. SONiX Technology Company
|
500L-058X181-502 500T-058X071-501 500T-058X071-502 |
5000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 500:5 A, 2 % ACCURACY CLASS, CURRENT TRANSFORMER 4000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 400:5 A, 3 % ACCURACY CLASS, CURRENT TRANSFORMER 750:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 2500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1200:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER
|
GE Industrial Systems
|
ISD-200 |
USB Mass Storage Class Bulk-Only Specification Compliant
|
Electronic Theatre Controls, Inc.
|
SN11012 |
3.3 V, USB to SM/flash interface controller, mass storage class compliant
|
SONIX[SONiX Technology Company]
|
F1740-3800 F1740-447-3820 F1740-427-3800 F1740-427 |
Suppression Capacitors for Washing Machines/Dishwashers Class X1/Y2 AC 275V/250V 抑制电容器洗衣机/洗碗机类X1/Y2交流275V/250V XTAL MTL T/H HC49/US Class X1 - AC275V; Class Y2 - AC250V
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
A82015C0GL5 A82120C0GL5 A68015C0GL5 A56015C0GL5 A5 |
Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
|
Vishay Siliconix
|
AD1984A AD1984AJCPZ AD1984AJCPZ-RL |
High Definition Audio SoundMAX Codec HD Audio CODEC, 4DACs/4ADCs, exceeds Microsoft Vista Premium performance; Package: LFCSP 7x7mm (5.25EP); No of Pins: 48; Temperature Range: Commercial SPECIALTY CONSUMER CIRCUIT, QCC48
|
Analog Devices, Inc.
|
BCM1000-BTW |
BLUETOOTH COMMUNICATIONS SOFTWARE FOR WINDOWS
|
Broadcom Corporation.
|
HT82K628A |
Windows 2000 Keyboard Encoder
|
holtek
|
PCM-7221-0K0CE1E |
OS-ready XScale? PXA270 Windows? CE 5.0 Evaluation Kit
|
Advantech Co., Ltd.
|
SFU-43-48H-HP-RDE |
FIBER OPTIC TRANSCEIVER, 1480-1500nm, 2488Mbps(Tx), 1244Mbps(Rx), THROUGH HOLE MOUNT, SC/UPC CONNECTOR ROHS COMPLIANT PACKAGE Class B GPON OLT transceiver
|
Source Photonics, Inc.
|