PART |
Description |
Maker |
SKDH146-L100 SKDH146_12-L100 SKDH146_16-L100 SKDH1 |
MOSFET; ID (A): 0.03; VDS (V): 6; Pch : 0.25; |yfs| (S) typ: 29/29; PG (dB) typ: 30/30; Ciss (pF) typ: 2.1/2.1; NF (dB) typ: 1.1/1.1; IDSS (mA): Package: CMPAK-6 3-Phase Bridge Rectifier IGBT braking chopper
|
Semikron International
|
S6846 S10053 S6809 |
MOSFET, Switching; VDSS (V): 600; ID (A): 11; Pch : -; RDS (ON) typ. (ohm) @10V: 0.58; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1450; toff (µs) typ: -; Package: LDPAK (S)- (1) Light modulation photo IC 光调制照片集成电
|
Hamamatsu Photonics
|
S8119 |
MOSFET, Switching; VDSS (V): 60; ID (A): 1.5; Pch : 0.8; RDS (ON) typ. (ohm) @10V: -; RDS (ON) typ. (ohm) @4V[4.5V]: [0.173]; RDS (ON) typ. (ohm) @2.5V: 0.207; Ciss (pF) typ: 200; toff (µs) typ: 0.035; Package: MPAK 图片集成电路光开
|
Hamamatsu Photonics K.K.
|
M3T-32LCC-S |
Converter for Connecting Emulator Probe to RFS Type Emulator MCU(for PC4701 system)
|
Renesas Electronics Corporation
|
M3T-FLX-100NSE |
Converter for Connecting 100-core Flexible Board FLX100 to 100-pin 0.4mm-pitch TQFP
|
Renesas Electronics Corporation
|
2N5754 2N5755 2N5756 2N5757 |
2.5-A silicon triac. Voltage(typ) 600 V. 2.5-A silicon triac. Voltage(typ) 400 V. 2.5-A silicon triac. Voltage(typ) 200 V. 2.5-A silicon triac. Voltage(typ) 100 V. 2.5-A Silicon Triacs
|
General Electric Solid State Solid State Optronic N.A.
|
PCA4687B |
Converter for Connecting 100-pin 0.65mm-pitch LCC to 100-pin 0.65mm-pitch LCC (for Height Adjustment)
|
Renesas Electronics Corporation
|
2SA1256 |
High fT (230MHz typ), and small Cre (1.1pF typ). Small NF (2.5dB typ).
|
TY Semiconductor Co., Ltd
|
EN4511D EN4511 |
PIN Diode, 50V, 50mA, rs=2.5 Ohm(typ), Dual MCP Pin Diode for VHF, UHF, AGC Applications
|
ON Semiconductor Sanyo Semicon Device
|
PS7141-1A PS7141-1B PS7141C-2A PS7141CL-2A PS7141C |
Solid State Relay(固态继电器) 8-PIN DIP / 200 mA TYP. CURRENT LIMIT TYPE 2-ch Optical Coupled MOS FET 8-PIN DIP, 200 mA TYP. CURRENT LIMIT TYPE 2-ch Optical Coupled MOS FET
|
NEC Corp. NEC[NEC]
|
M3T-F160-100NSE |
Converter for Connecting 160-core Flexible Board FLX160 to 100-pin 0.4mm-pitch TQFP
|
Renesas Electronics Corporation
|