PART |
Description |
Maker |
PCLD-8751 PCLD-8761 |
48-ch Opto-Isolated Digital Input Board
|
Advantech Co., Ltd.
|
LT3574 LT3574EMS LT3574EMSPBF LT3574EMSTRPBF LT357 |
Isolated Flyback Converter Without an Opto-Coupler
|
Linear Technology
|
LT3573EMSEPBF LT3573EMSETRPBF LT3573IMSEPBF LT3573 |
Isolated Flyback Converter without an Opto-Coupler
|
Linear Technology
|
LT3573 LT3573EMSE-PBF LT3573EMSE-TRPBF LT3573IMSE- |
Isolated Flyback Converter Without an Opto-Coupler
|
Linear Technology
|
MAX171 MAX171ACPE MAX171AEPE MAX171BCPE MAX171BEPE |
Opto-Isolated Serial Output 5.8us 12-Bit A/D Converter
|
MAXIM[Maxim Integrated Products]
|
PVI5013 PVI5013R |
PHOTOVOLTAIC ISOLATOR Solid-State Opto-Isolated MOSFET Gate Driver Dual-Channel 5V/ 1.0mA PHOTOVOLTAIC ISOLATOR Solid-State Opto-Isolated MOSFET Gate Driver Dual-Channel 5V, 1.0mA
|
International Rectifier
|
LTC3765 |
360W Isolated Forward Converter with Synchronous Rectification
|
Linear Technology
|
IRF3711STRL |
High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
|
International Rectifier
|
IRF7351PBF IRF7351PBF-15 |
Synchronous Rectifier MOSFET for Isolated DC-DC Converters Low Power Motor Drive Systems
|
International Rectifier
|
IRL3715LPBF IRL3715PBF IRL3715SPBF |
High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
|
International Rectifier
|
AS7C33128FT32_36B AS7C33128FT36B-80TQIN AS7C33128F |
3.3V 128K x 32/36 Flow Through Synchronous SRAM 3.3 128K的x 32/36流通过同步SRAM 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 36 STANDARD SRAM, 8 ns, PQFP100 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 32 STANDARD SRAM, 10 ns, PQFP100 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 32 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 32 STANDARD SRAM, 6.5 ns, PQFP100 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 36 STANDARD SRAM, 6.5 ns, PQFP100 128K X 32 STANDARD SRAM, 10 ns, PQFP100 14 X 20 MM, TQFP-100 LM3876 Overture™ Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute; Package: ISOLATED TO220; No of Pins: 11; Qty per Container: 20; Container: Rail LM3880/LM3880Q Power Sequencer; Package: SOT-23; No of Pins: 6; Qty per Container: 3000; Container: Reel LM3880/LM3880Q Power Sequencer; Package: SOT-23; No of Pins: 6; Qty per Container: 1000; Container: Reel Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. Integrated Silicon Solution, Inc. ALSC[Alliance Semiconductor Corporation]
|