PART |
Description |
Maker |
ISL9519CHRZ |
Narrow VDC Regulator/Charger with SMBus Interface and Internal Switching FETs
|
Intersil Corporation
|
D220G20C0GH6.J5R D220G20C0GH6.L2R D220G20U2JH6.J5R |
Ceramic Disc Capacitors D Series Narrow Tolerance Ceramic Disc Capacitors Class 1, 100 VDC, Narrow Tolerance D Series Narrow Tolerance Ceramic Disc Capacitors Class 1, 100 VDC, Narrow Tolerance
|
Vishay Siliconix
|
XRAH-03F1A0 VRAH-03F1A0 SRAH-03F1A0 |
NON-ISOLATED DC/DC CONVERTERS 3.0 VDC - 5.5 VDC INPUT 0.9 VDC - 3.3 VDC/3 A OUTPUT
|
BEL[Bel Fuse Inc.]
|
FW300B1 |
FW250B1 and FW300B1 Power Modules: dc-dc Converters: 36 Vdc to 75 Vdc Input, 12 Vdc Output; 250 W to 300 W
|
Lineage Power Corporation
|
BQ25713 BQ25713RSNR BQ25713RSNT |
<font color=red>[Old version datasheet]</font> I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
|
TI store
|
SRBC-30E2AL SRBC-30E2AL10 |
6 Vdc - 14 Vdc Input 0.8 Vdc - 3.63 Vdc/25 A or 30 A Output
|
Bel Fuse Inc.
|
XRAH-01FXX0 VRAH-01FX20 VRAH-01FX50 SRAH-01FX50 SR |
NON-ISOLATED DC/DC CONVERTERS 3.0 Vdc - 5.5 Vdc Input 12 Vdc/0.8 A & 15 Vdc/0.6 A Output NON-ISOLATED DC/DC CONVERTERS 3.0 Vdc - 5.5 Vdc Input 12 Vdc/0.8 A & 15 Vdc/0.6 A Output
|
BEL[Bel Fuse Inc.]
|
SC5203 SC5203-3.0CSK SC5203-3.3CSK SC5203-3.6CSK S |
5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO4 3.8 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO4 80mA ULTRA LOW DROPOUT VOLTAGE REGULATOR 80mA的超低压降稳压器 Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 200 psi, Absolute, Cell with body o-ring, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 100 psi, Vacuum Gage, 1/4-18 NPT, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 100 psi, Vacuum Gage, 1/8-27 NPT, 10 Vdc excitation
|
Semtech, Corp. SEMTECH[Semtech Corporation]
|
ATF-38143- ATF38143 ATF-38143-BLK ATF-38143-TR1 AT |
DC-DC Converter, 15Watt, Input VDC: 18~75, Output VDC: 12, Max Output Current(A): 1.25, Package: 2x1, Isolation(VDC): 1500, Operating Temp. -40C Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
MP028T036M12AL MP028F036M12AL-1 |
PRM Regulator 28 Vdc Input
|
Vicor Corporation
|
MP028F036M12AL1 |
PRM Regulator 28 Vdc Input
|
Vicor Corporation
|