PART |
Description |
Maker |
IRFBL10N60A |
N-Channel SMPS MOSFET(N娌?? 寮??妯″??垫?MOS?烘?搴??,?ㄤ?楂????C-DC杞???? HEXFET Power MOSFET HEXFET? Power MOSFET 11 A, 600 V, 0.61 ohm, N-CHANNEL, Si, POWER, MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 11A I(D) | TO-263VAR
|
IRF[International Rectifier] VISHAY SILICONIX
|
AUIRF1404Z AUIRF1404ZL AUIRF1404ZS |
HEXFET垄莽 Power MOSFET HEXFET? Power MOSFET 160 A, 40 V, 0.0037 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA Low On-Resistance
|
International Rectifier List of Unclassifed Man...
|
AUIRF3710ZSTRL AUIRF3710ZSTRR AUIRF3710Z AUIRF3710 |
HEXFET垄莽 Power MOSFET HEXFET? Power MOSFET 59 A, 100 V, 0.018 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
International Rectifier
|
IRFZ44VL IRFZ44VS IRFZ44VSTRR |
60V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=60V, Rds(on)=16.5mohm, Id=55A) (IRFZ44VL / IRFZ44VS) Power MOSFET
|
IRF[International Rectifier]
|
IRFUC20 IRFRC20 IRFUC20PBF |
600V Single N-Channel HEXFET Power MOSFET in a I-Pak package Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=2.0A) (IRFRC20 / IRFUC20) Power MOSFET
|
IRF[International Rectifier]
|
IRF9Z34-001PBF IRF9543-003PBF IRF9543-005PBF IRF95 |
18 A, 60 V, 0.14 ohm, P-CHANNEL, Si, POWER, MOSFET 16 A, 80 V, 0.3 ohm, P-CHANNEL, Si, POWER, MOSFET 3 A, 80 V, 1.2 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-220AB 9.7 A, 60 V, 0.28 ohm, P-CHANNEL, Si, POWER, MOSFET 2 A, 500 V, 4 ohm, N-CHANNEL, Si, POWER, MOSFET 2.1 A, 1000 V, 6.7 ohm, N-CHANNEL, Si, POWER, MOSFET 2.8 A, 800 V, 3.8 ohm, N-CHANNEL, Si, POWER, MOSFET 10 A, 400 V, 0.55 ohm, N-CHANNEL, Si, POWER, MOSFET 19 A, 80 V, 0.2 ohm, P-CHANNEL, Si, POWER, MOSFET 7 A, 450 V, 1.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 6.2 A, 600 V, 1.2 ohm, N-CHANNEL, Si, POWER, MOSFET 2.2 A, 600 V, 4.4 ohm, N-CHANNEL, Si, POWER, MOSFET 1.7 A, 400 V, 5 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Vishay Intertechnology, Inc. Intersil, Corp. VISHAY INTERTECHNOLOGY INC
|
MTP6N60EWC MTP6P20EW MTP6P20EWC MTP3N100E16 MTP3N1 |
6 A, 600 V, 1.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 6 A, 200 V, 1 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-220AB 3 A, 1000 V, 4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 8 A, 200 V, 0.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 18 A, 200 V, 0.18 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 33 A, 100 V, 0.058 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 4 A, 800 V, 3 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 50 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 12 A, 60 V, 0.15 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 60 V, 0.12 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 50 A, 50 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 20 A, 60 V, 0.085 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Motorola Mobility Holdings, Inc. MOTOROLA INC
|
IRFPS40N50LPBF |
46 A, 500 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-274AA HEXFET㈢Power MOSFET HEXFET?Power MOSFET
|
International Rectifier
|
NTD110N02R NTD110N02RG NTD110N02RT4 NTD110N02RT4G |
Power MOSFET 12.5 A, 24 V, 0.0062 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 110 Amps, 24 volts, N-channel, DPAK
|
ONSEMI[ON Semiconductor]
|
IRFBE30L IRFBE30S |
800V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET㈢ Power MOSFET HEXFET? Power MOSFET
|
International Rectifier
|
IRCZ44 |
60V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package Hexfet? Power MOSFET Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50A)
|
IRF[International Rectifier]
|
IRFIZ34E IRFIZ34EPBF |
60V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET Power MOSFET(Vdss=60V, Rds(on)=0.042ohm, Id=21A)
|
IRF[International Rectifier]
|
|