PART |
Description |
Maker |
74F30SJ 74F30PC 74F30SC 74F30 |
8-Input NAND Gate F/FAST SERIES, 8-INPUT NAND GATE, PDSO14 8-Input NAND Gate 8输入与非
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
CD4023 CD4023BC CD4023BCM CD4023BCN CD4023BCS CD40 |
Triple 3-input NAND Gate 4000/14000/40000 SERIES, TRIPLE 3-INPUT NAND GATE, PDSO14 Buffered Triple 3-Input NAND Gate
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
U3525-S16-T U3525-S16-R U3525-D16-T U74AHC1G00L-AF |
SINGLE SCHMITT-TRIGGER BUFFER SINGLE SCHMITT-TRIGGER INVERTER QUADRUPLE 2-INPUT POSITIVE-OR GATES 2-INPUT OR GATE 2-INPUT NOR GATE HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER QUADRUPLE 2-INPUT POSITIVE-NAND GATES 2-INPUT EXCLUSIVE-OR GATE SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT BILATERAL SWITCH 2-INPUT AND GATE 2-INPUT NAND GATE REGULATING PWM IC
|
友顺科技股份有限公司 UTC[Unisonic Technologies]
|
74LVC1G38GF 74LVC1G38GM 74LVC1G38GV 74LVC1G38GW 74 |
2-input NAND gate; open drain; Package: SOT891 (XSON6); Container: Tape reel smd LVC/LCX/Z SERIES, 2-INPUT NAND GATE, PDSO6 2-input NAND gate; open drain; Package: SOT353-1 (TSSOP5); Container: Reel Pack, Reverse, Reverse LVC/LCX/Z SERIES, 2-INPUT NAND GATE, PDSO5 2-input NAND gate; open drain; Package: SOT886 (XSON6); Container: Tape reel smd LVC/LCX/Z SERIES, 2-INPUT NAND GATE, PDSO6 2-input NAND gate; open drain; Package: SOT753 (SO5); Container: Tape reel smd, Reverse LVC/LCX/Z SERIES, 2-INPUT NAND GATE, PDSO5
|
NXP Semiconductors N.V.
|
74LVC1G10GN |
Single 3-input NAND gate LVC/LCX/Z SERIES, 3-INPUT NAND GATE, PDSO6
|
NXP Semiconductors N.V.
|
ACS03DMSR |
Quad 2-Input NAND Gate with Open Drain; Temperature Range: -; Package: 14-SBDIP AC SERIES, QUAD 2-INPUT NAND GATE, CDIP14
|
Intersil, Corp.
|
74LCX10SJX 74LCX10 74LCX10M 74LCX10MTC 74LCX10MTCX |
Low Voltage Triple 3-Input NAND Gate with 5V Tolerant Inputs LVC/LCX/Z SERIES, TRIPLE 3-INPUT NAND GATE, PDSO14
|
http:// FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
U74AHC1G00L-AF5-R U74AHC1G00L-AL5-R |
2-INPUT NAND GATE AHC/VHC/H/U/V SERIES, 2-INPUT NAND GATE, PDSO5
|
Unisonic Technologies Co., Ltd. UNISONIC TECHNOLOGIES CO LTD
|
MC670L MC661L MC668L MC668P |
MC67 SERIES, TRIPLE 3-INPUT NAND GATE, CDIP16 MC66 SERIES, DUAL 4-INPUT NAND GATE, CDIP16 MC66 SERIES, QUAD 2-INPUT NAND GATE, CDIP16 MC66 SERIES, QUAD 2-INPUT NAND GATE, PDIP16
|
MOTOROLA INC
|
AS7C3256AA AS7C3256A AS7C3256A-20TIN AS7C3256A-10J |
Quadruple D-Type Flip-Flops With Clear 16-TSSOP -40 to 85 Dual 4-Input Positive-NAND Gate 14-TSSOP -40 to 85 32K X 8 STANDARD SRAM, 20 ns, PDSO28 IC,AS7C3256A-10TCN,TSOP-28 ASY SRAM,10NS,32K X 8,3.3V 32K X 8 STANDARD SRAM, 10 ns, PDSO28 3.3V 32K X 8 CMOS SRAM (Common I/O) 32K X 8 STANDARD SRAM, 10 ns, PDSO28 Dual 4-Input Positive-NAND Gate 14-SOIC -40 to 85 32K X 8 STANDARD SRAM, 12 ns, PDSO28 Dual 4-Input Positive-NAND Gate 14-TVSOP -40 to 85 Dual 4-Input Positive-NAND Gate 14-SSOP -40 to 85 SRAM - 3.3V Fast Asynchronous
|
ALLIANCE MEMORY INC Alliance Memory, Inc. Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
HD74279P HD74S135P HD7409P HD7438P HD7420P HD7475P |
S-R-Type Latch Quad 2-input XOR/XNOR Gate Quad 2-input AND Gate Quad 2-input NAND Gate Dual 4-input NAND Gate 4-Bit D-Type Latch Magnitude Comparator Dual 4-input NOR Gate Hex Buffer J-K-Type Flip-Flop Excess-3-To-Decimal Decoder TTL HD74/74S Series TTL HD74/HD74S Series Straight Lever 十六进制逆变 CERAMIC CHIP/MIL-PRF-55681 陶瓷芯片/mil-prf-55681 Asynchronous Up Counter 异步设立摊位
|
Hitachi,Ltd. Fairchild Semiconductor, Corp.
|
TC74VHCT00AFN TC74VHCT00AF TC74VHCT00AFT |
QUAD 2 - INPUT NAND GATE CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC QUAD 2-INPUT NAND GATE
|
Toshiba Semiconductor
|