PART |
Description |
Maker |
HDRIGHTANGLE 781-M15-113R141 781-M15-113R001 781-M |
MALE-HIGH DENSITY MALE-HIGH DENSITY-MACHINED CONTACTS-RIGHT ANGLE
|
List of Unclassifed Manufacturers
|
0307005060 30700-5060 |
2.54mm (.100) Pitch, 0.64mm (.025) Width H-DAC 64 High Density AutomotiveHeader, Dual Row, Right Angle 6 Circuits 2.54mm (.100) Pitch, 0.64mm (.025) Width H-DAC 64?/a> High Density AutomotiveHeader, Dual Row, Right Angle 6 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
48203-6763 0482036763 |
High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole
|
Molex Electronics Ltd.
|
ISPLSI2096VE-100LT128 ISPLSI2096VE-135LT128 ISPLSI |
3.3V In-System Programmable SuperFAST?/a> High Density PLD CRYSTAL 24.0 MHZ 20PF SMD 3.3V In-System Programmable SuperFASTHigh Density PLD 3.3V In-System Programmable SuperFAST High Density PLD 3.3V In-System Programmable SuperFAST⑩ High Density PLD 3.3VIn-SystemProgrammableSuperFASTHighDensityPLD
|
Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor]
|
ISPLSI1024 ISPLSI1024EA-200LT100 1024EA ISPLSI1024 |
200 MHz in-system prommable high density PLD Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Material:Polyethylene; Number of Pairs:4; Features:Alumunium Foil Polyester/Tinned Copper Braid; Impedance:120ohm RoHS Compliant: Yes In-System Programmable High Density PLD 100 MHz in-system prommable high density PLD
|
Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor] http://
|
070912FR |
SLIM TYPE D-SUB HIGH DENSITY RIGHT ANGLE DIP TYPE
|
SUYIN USA, INC.
|
ISOPAC01 ISOPAC0103 ISOPAC0104 ISOPAC0111 ISOPAC01 |
High Current High density Isolated Silicon Power Rectifier(????靛?600V锛?ぇ?垫?锛??瀵?害锛??绂诲?锛??????存??? High Current High density Isolated Silicon Power Rectifier(????靛?1000V锛?ぇ?垫?锛??瀵?害锛??绂诲?纭?????娴??) High-Current Isolated Rectifier Assemblies. 150 V-1000 V. 10 nS - 2 microseconds 大电流隔离整流器大会150 V000五,10纳秒- 2微秒 HIGH CURRENT ISOLATED RECTIFIER ASSEMBLY High Current High density Isolated Silicon Power Rectifier(????靛?1000V锛?ぇ?垫?锛??瀵?害锛??绂诲?锛??????存???
|
International Rectifier, Corp. Semtech Corporation
|
48203-6046 0482036046 |
High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle,Right Angle, Through Hole, Full 15 Circuits, 2 #4-40 Hex Internal Thread Screws Attached
|
Molex Electronics Ltd.
|
48203-6362 |
High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle,Right Angle, Through Hole, 44 Circuits, Flush Insert only, Black Housing, Overall Gold (Au) Flash Plating, Lead Free
|
Molex Electronics Ltd.
|
1024-60LH_883 ISPLSI1024-60LH_883 1024 1024-60LH/8 |
60 MHz in-system prommable high density PLD In-System Programmable High Density PLD EE PLD, 25 ns, PQCC68 :4; Features:Alumunium Foil Polyester/Tinned Copper Braid; Impedance:120ohm RoHS Compliant: Yes
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor] http://
|
1032-60LG_883 1032-60LJ 1032-60LJI 1032-60LT 1032- |
High-Density Programmable Logic In-System Programmable High Density PLD
|
LATTICE[Lattice Semiconductor]
|