PART |
Description |
Maker |
HY80N075T |
75V / 80A N-Channel Enhancement Mode MOSFET
|
HY ELECTRONIC CORP.
|
STB80NF75L STB80NF75L-1 STP80NF75L |
N-CHANNEL 75V - 0.008 OHM - 80A TO-220/D2PAK/I2PAK STRIPFET II POWER MOSFET N-CHANNEL 75V - 0.008 ohm - 80A TO-220/D2PAK/I2PAK STripFET II POWER MOSFET N-CHANNEL 75V - 0.008 ohm - 80A TO-220/D2PAK/I2PAK STripFET⑩ II POWER MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
ALH80 |
Industry Standard Brick: 36V-75V Input / 80A Output Current Industry Standard ??Brick: 36V-75V Input / 80A Output Current
|
Astec America, Inc
|
STB80NF55-06-1 |
晶体管| MOSFET的| N沟道| 55V的五(巴西)直| 80A条(丁)|62AA TRANSISTOR | MOSFET | N-CHANNEL | 55V V(BR)DSS | 80A I(D) | TO-262AA N-CHANNEL 55V 0.005 OHM 80A TO-220/TO-220FP/I2PAK STRIPFET II POWER MOSFET
|
SGS Thomson Microelectronics
|
FDB035AN06F085 FDB035AN06A012 |
N-Channel PowerTrenchMOSFET 60V, 80A, 3.5m N-Channel PowerTrench? MOSFET 60V, 80A, 3.5mΩ
|
Fairchild Semiconductor
|
STB20PF75 STB20PF75T4 |
P-CHANNEL 75V - 0.10 OHM - 20A DPAK STripFETII POWER MOSFET P-CHANNEL 75V - 0.10 ?- 20A D2PAK STripFET II POWER MOSFET P-CHANNEL 75V - 0.10 з - 20A D?PAK STripFETII POWER MOSFET P通道75V 0.10з - 20A?巴基斯STripFET⑩二功率MOSFET
|
ST Microelectronics STMicroelectronics N.V.
|
IRF3808L IRF3808S RF3808S |
75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 75V Single N-Channel HEXFET Power MOSFET in a TO-262 package AUTOMOTIVE MOSFET Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=106A?) Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=106A) Power MOSFET(Vdss=75V/ Rds(on)=0.007ohm/ Id=106A) Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=106A 功率MOSFET(减振钢板基本\u003d 75V的,的Rdson)\u003d 0.007ohm,身份证\u003d 106A章?
|
IRF[International Rectifier] International Rectifier, Corp.
|
FDP038AN06A0_05 FDI038AN06A0 FDP038AN06A0 FDP038AN |
N-Channel PowerTrench? MOSFET 60V, 80A, 3.8m N-Channel PowerTrench㈢ MOSFET 60V, 80A, 3.8mз
|
FAIRCHILD[Fairchild Semiconductor]
|
STP95N4F3 STU95N4F3 STD95N4F307 STD95N4F3 |
N-channel 40V - 5.4mΩ - 80A - DPAK - TO-220 - IPAK STripFET Power MOSFET N-channel 40V - 5.4m楼? - 80A - DPAK - TO-220 - IPAK STripFET垄芒 Power MOSFET N-channel 40V - 5.4mヘ - 80A - DPAK - TO-220 - IPAK STripFET⑩ Power MOSFET
|
STMicroelectronics
|
STB80NF55L-08 STP80NF55L-08 |
N-CHANNEL 55V - 0.0065ohm - 80A - TO-220/D2PAK STripFETII POWER MOSFET N-CHANNEL 55V - 0.0065ohm - 80A - TO-220/D2PAK STripFET II POWER MOSFET N-CHANNEL 55V - 0.0065 OHM - 80A TO-220 D2PAK STRIPFET II POWER MOSFET N-CHANNEL 55V - 0.0065ohm - 80A - TO-220/D2PAK STripFET⑩ II POWER MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|