PART |
Description |
Maker |
DAC1201D125 DAC1201D125HL |
Dual 12-bit DAC, up to 125 Msps
|
NXP Semiconductors
|
AD7237AACHIPS AD7247AACHIPS AD7237ATQ AD7237A-15 |
LC MOS Dual 12-Bit DACPORTs Dual 12-Bit Complete DAC with Double Buffered Byte Loading Dual 12-Bit DACPORT with Parallel Load 0.001UF(1000PF) 20% 1KV Y5V RAD DUAL, PARALLEL, 8 BITS INPUT LOADING, 5 us SETTLING TIME, 12-BIT DAC, CDIP24
|
Analog Devices, Inc.
|
MAX5873 MAX5874 MAX5875 MAX5876 MAX5877 MAX5878 MA |
Quadruple Line Driver 14-CDIP -55 to 125 12位200Msps、高动态性能、双路DAC,CMOS输入 16-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs Replaced by SN55189A : Quadruple Line Receiver 14-CDIP -55 to 125 Quadruple Line Driver 14-CFP -55 to 125 Quadruple Line Driver 20-LCCC -55 to 125
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
MX7528KEWP |
CMOS, Dual, Buffered, 8-Bit Multiplying DAC DUAL, PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PDSO20
|
Maxim Integrated Products, Inc.
|
HI5728IN-T |
10-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter; Temperature Range: -40°C to 85°C; Package: 48-MQFP T&R DUAL, PARALLEL, WORD INPUT LOADING, 35 us SETTLING TIME, 10-BIT DAC, PQFP48
|
Intersil, Corp.
|
WM2617CD WM2617 WM2617ID |
From old datasheet system DUAL 10-BIT SERIAL INPUT VOLTAGE DAC Dual 10-Bit Serial DAC with Power Down TVS UNIDIR 600W 8.5W SMB
|
WOLFSON[Wolfson Microelectronics plc]
|
AD7548 AD7548AQ AD7548BQ AD7548JN AD7548JP AD7548J |
LC2MOS 8-BIT uP COMPATIBLE 12-BIT DAC PARALLEL, WORD INPUT LOADING, 1.5 us SETTLING TIME, 8-BIT DAC, PDIP20 12-Bit, Multiplying, I<SUB>OUT</SUB> DAC, 8-Bit Bus
|
Analog Devices, Inc.
|
MAX5873EGKD MAX5873EGK-D |
12-Bit, 200Msps, High-Dynamic-Performance, Dual DAC with CMOS Inputs PARALLEL, WORD INPUT LOADING, 0.014 us SETTLING TIME, 12-BIT DAC, QCC68
|
Maxim Integrated Products, Inc.
|
AD5310 AD5310BRM AD5310BRT AD5310BRM-REEL AD5310BR |
2.5 V to 5.5 V/ 230uA/ Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs 2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC 2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 2.7 V to 5.5 V/ 140 uA/ Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 Lithium Battery; Voltage Rating:3.6V; Battery Terminals:Connector SERIAL INPUT LOADING, 6 us SETTLING TIME, 10-BIT DAC, PDSO8 2.7 V to 5.5 V. 140 uA. Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 2.7伏至5.540微安。轨至轨电压输出10位DAC采用SOT - 23 2.7 V to 5.5 V, 140 µA, Rail-to-Rail Voltage Output 10-Bit DAC 2.5 V to 5.5 V/ 115 uA/ Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
5962-8767107LA 5962-8767107LX 5962-8767101KA 5962- |
Fuse-Programmable PLD Complete, 12-Bit Multiplying DAC Complete, Dual, 12-Bit Multiplying DAC with 8-Bit Bus Interface 保险丝,可编程的PLD
|
Rochester Electronics, LLC
|
|