PART |
Description |
Maker |
PIC16F627A-I_ML PIC16F627A-I_P PIC16F627A-I_SO PIC |
Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDSO18 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PQCC28 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDSO20 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDIP18
|
Microchip Technology
|
ATMEGA32L-8MI ATMEGA32L-8MC ATMEGA32L-8AC ATMEGA32 |
8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash Electrical Outlet Connector; Voltage Rating:125V; Mounting Type:Cable Mount; Contact Plating:Nickel; Current Rating:15A RoHS Compliant: Yes 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PQFP44 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PQFP44 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PDIP40 Field Attachable Connector; Number of Contacts:3; Gender:Male
|
ATMEL Corporation Atmel, Corp. Atmel Corp.
|
AT89C51RC08 AT89C51RC-33JU AT89C51RC-24PU |
8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQCC44 GREEN, PLASTIC, MS-018AC, LCC-44 8-bit Microcontroller with 32K Bytes Flash 8-BIT, FLASH, 24 MHz, MICROCONTROLLER, PDIP40
|
ATMEL Corporation Atmel, Corp.
|
IS89C52 IS89C52-12PL IS89C52-12PLI IS89C52-12PQ IS |
ECONOLINE: RY-S_DCP - Internal SMD Technology- 1kVDC Isolation- Short Circuit Protection: Current Limit- UL94V-0 Package Material- Regulated Output- No External Components Required- Efficiency to 63% 8-BIT, FLASH, 12 MHz, MICROCONTROLLER, PQCC44 CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8-Kbytes of FLASH 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP40
|
Integrated Silicon Solution Inc Integrated Silicon Solution, Inc.
|
ATMEGA644PA-PU ATMEGA164PA-MU ATMEGA164PA-MUR ATME |
8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDIP40 0.600 INCH, GREEN, PLASTIC, MS-011AC, DIP-40 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PQCC44 7 X 7 MM, 1 MM HEIGHT, 0.50 MM PITCH, GREEN, PLASTIC, MO-220VKKD-3, VQFN-44 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PQFP44 10 X 10 MM, 1 MM HEIGHT, 0.80 MM PITCH, GREEN, PLASTIC, MS-026ACB, TQFP-44 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PBGA49 5 X 5 MM, 1 MM HEIGHT, 0.65 MM PITCH, GREEN, VFBGA-49 MCU AVR 32KB FLASH 40PDIP 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDIP40
|
Atmel, Corp.
|
ATMEGA48 ATMEGA88V TSC80C31-25ABD TSC80C31-16MGDP8 |
8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash 8-BIT, 25 MHz, MICROCONTROLLER, PQCC44 8-BIT, 16 MHz, MICROCONTROLLER, CDIP40 8-BIT, 30 MHz, MICROCONTROLLER, UUC40 8-BIT, MROM, 30 MHz, MICROCONTROLLER, PQFP44 8-BIT, 16 MHz, MICROCONTROLLER, UUC40 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PQCC28 High performance, low power Atmel AVR 8-bit microcontroller Advanced RISC architecture 8-bit Microcontroller with 8K Bytes In-System Programmable Flash High endurance non-volatile memory segments High performance, low power Atme 8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
|
ATMEL Corporation TEMIC SEMICONDUCTORS
|
AT89C51ED2-RDTUM AT89C51ED2-SMSUM AT89C51RD2 AT89C |
IC 8051 MCU FLASH 64K 68PLCC 8-BIT, FLASH, 60 MHz, MICROCONTROLLER, PQCC68 8-bit Flash Microcontroller
|
Atmel, Corp. ATMEL Corporation
|
SST89E554RC-25-C-NJ SST89E564RD-25-C-NJ SST89E554R |
MCF5445X V4M CORE, MMU, FlashFlex51单片 FlashFlex51 MCU 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQCC44 FlashFlex51 MCU 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQCC44 FlashFlex51 MCU 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44 FlashFlex51 MCU 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP40 FlashFlex51 MCU 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PDIP40 FlashFlex51 MCU 8-BIT, FLASH, 25 MHz, MICROCONTROLLER, PQFP44 FlashFlex51 MCU 8-BIT, FLASH, 25 MHz, MICROCONTROLLER, PQCC44 FlashFlex51 MCU 8-BIT, FLASH, 25 MHz, MICROCONTROLLER, PDIP40 FlashFlex51 MCU FlashFlex51单片 MCF547X V4ECORE MMU, FPU
|
http:// Silicon Storage Technology, Inc. SILICON STORAGE TECHNOLOGY INC
|
ATMEGA103 ATMEGA103-6AC ATMEGA103-6AI ATMEGA103L A |
ER 4C 4#16S SKT RECP 8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, PQFP64 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 6 MHz, RISC MICROCONTROLLER, PQFP64 MS/STANDARD CYLINDRICAL MIL-C-5015 SERIES 3102E ENVIRONMENTAL RESISTING BOX MOUNT RECEPTACLES, STRAIGHT BODY STYLE, SOLDER TERMINATION, 14S SHELL SIZE, 14S-2 INSERT ARRANGEMENT, RECEPTACLE GENDER, 4 CONTACTS ER 1C 1#16S PIN RECP BOX 8-Bit Microcontroller with 64K/128K Bytes In-System Programmable Flash
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
MC9S12Q128CPB8 MC9S12Q96CPB8 MC9S12Q64CPB8 MC9S12Q |
HCS12 Microcontrollers 16-BIT, FLASH, 8 MHz, MICROCONTROLLER, PQFP80 16-BIT, FLASH, 8 MHz, MICROCONTROLLER, PQFP48 16-BIT, FLASH, 8 MHz, MICROCONTROLLER, PQFP52
|
Freescale Semiconductor, Inc FREESCALE SEMICONDUCTOR INC Freescale Semiconductor, In... Freescale Semiconductor...
|
ATTINY15L-1PL ATTINY15L-1SL ATTINY15L-1SU ATTINY15 |
8-bit Microcontroller with 1K Byte Flash 8-BIT, FLASH, 1.6 MHz, RISC MICROCONTROLLER, PDSO8 0.200 INCH, PLASTIC, EIAJ, SOIC-8 8-BIT, FLASH, 1.6 MHz, RISC MICROCONTROLLER, PDIP8 0.300 INCH, PLASTIC, DIP-8
|
ATMEL Corporation Atmel, Corp.
|
ATTINY167-15MD ATTINY167-15XD ATTINY167-ESMD ATTIN |
8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PDSO20 4.40 X 6.50 MM, 0.65 MM PITCH, GREEN, TSSOP-20 8-bit Microcontroller with 16K Bytes In-System Programmable Flash
|
Atmel, Corp. ATMEL Corporation
|
|