PART |
Description |
Maker |
ACT636008 |
High-Efficiency, 40V Step-Up WLED Bias Supplies
|
Active-Semi, Inc
|
MAX1553 MAX1553ETA MAX1554 MAX1554ETA |
High-Efficiency / 40V Step-Up Converters for 2 to 10 White LEDs "High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs" High-Efficiency 40V Step-Up Converters for 2 to 10 White LEDs
|
MAXIM[Maxim Integrated Products]
|
MAX1649 MAX1649C_D MAX1649CPA MAX1649CSA MAX1649EP |
5V/3.3V or Adjustable, High-Efficiency,Low-Dropout, Step-Down DC-DC Controllers(5V或可降压型,输出电流2A,DC-DC变换MAX649的改进型) 5V/3.3V或可调、高效率、低压差、降压型DC-DC控制 Circular Connector; Body Material:Aluminum Alloy; Series:D38999; No. of Contacts:100; Connector Shell Size:23; Connecting Termination:Grounded; Gender:Male SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO8 5V/3.3V or Adjustable / High-Efficiency / Low-Dropout / Step-Down DC-DC Controllers 5V/3.3V or Adjustable High-Efficiency Low-Dropout Step-Down DC-DC Controllers 5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
ADP1148-3.3 ADP1148-5 ADP1148AN-3.3 ADP1148AR-3.3 |
InputV: 0.3-20V; 50mA; high efficiency synchronous step-down switching regulator. For notebook and palmtop computers, portable instrumnets, battery operated digital devices 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C High Efficiency Synchronous Step-Down Switching Regulators(高效率同步步降开关稳压器)
|
Analog Devices, Inc.
|
MAX747 MAX747C_D MAX747CPD MAX747CSD MAX747EPD MAX |
High-Efficiency PWM, Step-Down P-Channel DC-DC Controller High-Efficiency PWM Step-Down P-Channel DC-DC Controller High-Efficiency PWM / Step-Down P-Channel DC-DC Controller Parallel-Load 8-Bit Shift Registers 16-CDIP -55 to 125
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX5035 MAX5035AUPA MAX5035AUSA MAX5035BUPA MAX503 |
1A / 76V / High-Efficiency MAXPower Step-Down DC-DC Converter 1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter 1A6V、高MAXPower降压型DC-DC转换
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX1652 MAX1653 MAX1653EEE MAX1653ESE MAX1654 MAX1 |
High-Efficiency / PWM / Step-Down DC-DC Controllers in 16-Pin QSOP High-Efficiency, PWM, Step-Down DC-DC Controllers in 16-Pin QSOP SWITCHING CONTROLLER, 350 kHz SWITCHING FREQ-MAX, PDSO16
|
Maxim Integrated Products, Inc.
|
NCP1652A NCP1652DWR2G NCP1652ADR2G NCP1652DR2G NCP |
High-Efficiency Single Stage Power Factor Correction and Step-Down Controller High Efficiency Single Stage Power Factor Correction and Step-down Controller POWER FACTOR CONTROLLER, 250 kHz SWITCHING FREQ-MAX, PDSO16 High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
|
ON Semiconductor
|
5962-8687517XX 5962-8687520XX 5962-8687515XX 5962- |
Adjustable, PWM, Step-Down Regulator Improved MX7524 3.3V, Step-Down, Current-Mode PWM DC-DC Converters 12V/15V or Adjustable, High-Efficiency, Low-IQ, Step-Up DC-DC Converters Evaluation Kit for the MAX761 High-Efficiency, PWM, Step-Down Controller (External P-Channel Driver) 5V-Output, Step-Up, Current-Mode PWM DC-DC Converter Evaluation Kit for the MAX747 Digitally Adjustable LCD Bias Supply -12V, Inverting, PWM, Current-Mode DC-DC Converter Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices CCFL Backlight and LCD Negative Contrast Controller Evaluation Kit for the MAX752 3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters x8双端口SRAM x8 Dual-Port SRAM x8双端口SRAM
|
Kingbright, Corp. Mini-Circuits
|
MAX1652 MAX1652EEE MAX1653 MAX1653EEE MAX1653ESE M |
High-Efficiency / PWM / Step-Down DC-DC Controllers in 16-Pin QSOP High-Efficiency, PWM, Step-Down DC-DC Controllers in 16-Pin QSOP From old datasheet system
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products]
|