PART |
Description |
Maker |
BD5431EFS-E2 DG333ALDJ BU8793KN-E2 MAX9725BETC-T M |
Audio Amplifiers 17W 17W Class D Spkr For Diff. Analog In Analog Switch ICs Quad SPDT Switch Learn More Audio Amplifiers 16 TONE GENERATOR 1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown 0.025 W, 2 CHANNEL, AUDIO AMPLIFIER, QCC12 1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown 0.025 W, 2 CHANNEL, AUDIO AMPLIFIER, PBGA12 Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers 1.4 W, 2 CHANNEL, AUDIO AMPLIFIER, QCC16 Stereo DirectDrive® Headphone Amplifier with BassMax, Volume Control, and I<sup>2</sup>C 1 CHANNEL, AUDIO AMPLIFIER, PBGA16 Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers 1.4 W, 1 CHANNEL, AUDIO AMPLIFIER, PDSO8
|
Rohm Co., Ltd. Rochester Electronics, LLC Maxim Integrated Products, Inc.
|
AT73C213 |
The AT73C213 is a fully integrated, low-cost combined stereo audio DAC and audio amplifier circuit targeted for Li-ion or Ni-Mh battery-powered ... Power Management for Mobiles (PM) / Audio Interface for Portable Handsets
|
ATMEL[ATMEL Corporation]
|
AT49LV080 AT49LV080- AT49LV080T AT49LV080T-12CC AT |
LM4674A Boomer ® Audio Power Amplifier Series Filterless 2.5W Stereo Class D Audio Power Amplifier; Package: MICRO SMD; No of Pins: 16 1M X 8 FLASH 2.7V PROM, 200 ns, PDSO44 8-Megabit 1M x 8 Single 2.7-volt Battery-Voltage Flash Memory 1M X 8 FLASH 3V PROM, 200 ns, PDSO44 LM4673 Filterless, 2.65W, Mono, Class D Audio Power Amplifier; Package: MICRO SMD; No of Pins: 9 1M X 8 FLASH 2.7V PROM, 200 ns, PBGA42 LM4671 Filterless High Efficiency 2.5W Switching Audio Amplifier; Package: MICRO SMD; No of Pins: 9 1M X 8 FLASH 2.7V PROM, 200 ns, PDSO40 LM4673 Filterless, 2.65W, Mono, Class D Audio Power Amplifier; Package: LLP; No of Pins: 8 IGBT Chips; Package: --; Technology: IGBT 3; VDS (max): 1,200.0 V; IC (max): 15.0 A; VCE(sat) (max): 2.1 V; VGE(th) (min): 5.0 V; LM4920 Boomer ® Audio Power Amplifier Series Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier; Package: MICRO SMD; No of Pins: 14 LM4917 Boomer ® Audio Power Amplifier Series Ground-Referenced, 95mW Stereo Headphone Amplifier; Package: TSSOP; No of Pins: 14 LM4917 Boomer ® Audio Power Amplifier Series Ground-Referenced, 95mW Stereo Headphone Amplifier; Package: LLP; No of Pins: 14 LM4674A Boomer ® Audio Power Amplifier Series Filterless 2.5W Stereo Class D Audio Power Amplifier; Package: MICRO SMD; No of Pins: 16
|
Micron Technology, Inc. Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
TA2024 |
Stereo 10W (4з) Class-TDigital Audio Amplifier using Digital Power ProcessingTechnology Stereo 10W (4) Class-T Digital Audio Amplifier using Digital Power Processing Technology Stereo 10W (4蟹) Class-T Digital Audio Amplifier using Digital Power Processing Technology Stereo 10W (4з) Class-T⑩ Digital Audio Amplifier using Digital Power Processing⑩ Technology
|
Electronic Theatre Controls, Inc. ETC TRIPATH
|
MAX9763 MAX9760 MAX9762 MAX9760-MAX9763 MAX9761 MA |
Stereo 3W Audio Power Amplifiers with Headphone Drive and Input Mux "Stereo 3W Audio Power Amplifiers with Headphone Drive, Input MUX and Parallel Control" From old datasheet system "Mono 3W Audio Amp with Stereo Headphone Drive, Input MUX and I2C Control" "Stereo 3W Audio Power Amplifiers with Headphone Drive, Input MUX and I2C Control" "?Mono 3W Audio Amp with Stereo Headphone Drive, Input MUX and Parallel Control"
|
MAXIM[Maxim Integrated Products]
|
MAX9718GEBLTG45 MAX9719AEBET |
1.4 W, 1 CHANNEL, AUDIO AMPLIFIER, PBGA9 ROHS COMPLIANT, UCSP-9 Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers 1.4 W, 2 CHANNEL, AUDIO AMPLIFIER, PBGA16
|
Maxim Integrated Products, Inc.
|
M21131G-22 M21131G-13 |
72x72/144x144 3.2 Gbps Asynchronous Crosspoint Switch with Amplif-EYE Signal Conditioning
|
M/A-COM Technology Solu...
|
SC7314S SC7314D |
4CH OUTPUT STEREO AUDIO PROCESSOR WITH 4 STEREO INPUTS AND TONE/VOLUME CONTROL
|
Silan Microelectronics Joint-stock
|
AA4003 |
2W STEREO AUDIO POWER AMPLIFIER
|
BCD
|
|