PART |
Description |
Maker |
05002HR-60I |
0.50mm P1TCH CONNECTOR
|
YEONHO ELECTRONICS
|
05005HS-23A2 05005HS-22A2 05005HS-21A2 05005HS-20A |
0.50mm P1TCH CONNECTOR
|
http:// YEONHO ELECTRONICS
|
PO21M-6P-SA PO21M-6P-SA-S PO21M-6S-PA PO21M-6S-PA- |
2mm Hard Metric Coaxial Connector 2mm的硬公制同轴连接 BOARD TERMINATED, FEMALE, RF CONNECTOR, SOLDER, RECEPTACLE KPSE01F16-8PF0 2mm的硬公制同轴连接 CONNECTOR 连接 CABLE TERMINATED, FEMALE, RF CONNECTOR, JACK CABLE TERMINATED, MALE, RF CONNECTOR, PLUG
|
http:// HIROSE[Hirose Electric] Hirose Electric USA, INC. Vectron International, Inc. HIROSE ELECTRIC Co., Ltd.
|
0038006269 38-00-6269 3215-HR19G1C |
3.96mm (.156) Pitch KK PC Board Connector, Right Angle, Nylon Connector MOLEX Connector
|
Molex Electronics Ltd.
|
0340620002 34062-0002 |
5.00mm (.197) Pitch MX150 Cable Sealed Female Connector, Single Row, 2Circuits, Polarization B, without Connector Position Assurance, Gray MOLEX Connector
|
Molex Electronics Ltd.
|
0340620008 |
5.00mm (.197) Pitch MX150 Cable Sealed Female Connector, Single Row, 2Circuits, Polarization D, with Connector Position Assurance, Black MOLEX Connector
|
Molex Electronics Ltd.
|
BCM0505-FEC BCE0808-FEC BCM0606-FEC BCM0404-FEC |
Fuse Holder; Leaded Process Compatible:Yes; Mounting Type:Panel Mount RoHS Compliant: Yes CONNECTOR 32MM/M32 CONDUIT CONNECTOR 20MM CONDUIT CONNECTOR 25MM 导管连接5毫米
|
Maxim Integrated Products, Inc.
|
51144-0500 51144-0200 51144-0300 51144-0400 51144- |
Header Connector,Cable Mnt,PLUG,5 Contacts,0.156 Pitch,LOCKING MECH 5 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 3.96 WIRE TO BOARD CONNECTOR HOUSING
|
Molex, Inc. Molex Electronics Ltd.
|
19-09-2151 19-09-1151 |
CONNECTOR 15 CONTACT(S), MALE, POWER CONNECTOR, PLUG Connector Housing; Gender:Male; Number of Contacts:15; Series:Standard .093"; Connector Body Material:Nylon; Mounting Type:Panel Mount; Number of Rows:3; Pitch Spacing:6.3mm; Contact Termination:Crimp; Terminal Type:Straight Pin
|
Molex, Inc. MOLEX INC
|
DF9-15S-1V32 DF9-31S-1V32 DF9B-31S-1V32 |
1mm Pitch SMT Board to Board Connector(Standard Interface Connector Compliant with VESA FPDI-1) 31 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE
|
Hirose Electric
|
70107-0012 70107-0011 |
SL WtW Conn SR WO/MtgE Opt A 13Ckt 13 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Gender:Female; No. of Contacts:12; Series:; Color:Black; Connector Body Material:Polyester; No. of Rows:1; Pitch Spacing:0.1" RoHS Compliant: Yes 12 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc.
|
0009521026 09-52-1026 A-2145-AA02B-102 09-62-4117 |
3.96mm (.156) Pitch KK? PC Board Connector, Right Angle, Nylon Connector, 5.0μm (200μ) Tin (Sn), 2 Circuits 3.96mm (.156") Pitch KK庐 PC Board Connector, Right Angle, Nylon Connector, 5.0渭m (200渭") Tin (Sn), 2 Circuits 3.96mm (.156") Pitch KK垄莽 PC Board Connector, Right Angle, Nylon Connector, 5.0楼矛m (200楼矛") Tin (Sn), 2 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
|