PART |
Description |
Maker |
PPF5210M |
P Channel MOSFET; Package: TO-254; ID (A): 19; RDS(on) (Ohms): 0.07; PD (W): 150; BVDSS (V): 100; Rq: 0.83; 30 A, 100 V, 0.07 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-254AA
|
Microsemi, Corp.
|
SFRC9130S.5B |
10 AMP /100 Volts 300 mRadiation Tolerant P-Channel MOSFET 10 A, 100 V, 0.3 ohm, P-CHANNEL, Si, POWER, MOSFET
|
Solid States Devices, Inc. Solid State Devices, Inc.
|
PSMN9R5-100PS |
N-channel 100 V 9.6 m standard level MOSFET in T0220 89 A, 100 V, 0.0096 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
NXP Semiconductors N.V.
|
NTD6600N NTD6600N-1 NTD6600N-1G NTD6600NT4 NTD6600 |
Power MOSFET 100 V, 12 A, N−Channel, Logic Level DPAK Power MOSFET 100 V, 12 A, N-Channel, Logic Level DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 12 A, 100 V, 0.146 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
OM6215SS OM6214SS OM6216SS OM6217SS |
30 A, 100 V, 0.065 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET TWO POWER MOSFETS IN HERMETIC ISOLATED SIP PACKAGE 100V Dual N-Channel MOSFET in a S-6 package 400V Dual N-Channel MOSFET in a S-6 package 500V Dual N-Channel MOSFET in a S-6 package 200V Dual N-Channel MOSFET in a S-6 package
|
List of Unclassifed Manufacturers ETC International Rectifier
|
IRFZ46N-002 E-018 IRF540N-006 IRF540N-004 IRF540N- |
46 A, 55 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 60 V, 0.023 ohm, N-CHANNE 81 A, 60 V, 0.012 ohm, N-CHANNE 27 A, 100 V, 0.052 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 72 A, 55 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 98 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 21 A, 150 V, 0.082 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 46 A, 100 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 2.2 A, 600 V, 4.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. VISHAY INTERTECHNOLOGY INC
|
ZVP2110GTA ZXMP10A08GTA |
MOSFET P-CH 100V 310MA SOT223 0.31 A, 100 V, 8 ohm, P-CHANNEL, Si, POWER, MOSFET 2.1 A, 100 V, 0.576 ohm, P-CHANNEL, Si, POWER, MOSFET
|
Zetex Semiconductor PLC DIODES INC
|
FDP047N10 |
N-Channel PowerTrench MOSFET 100V, 164A, 4.7mOHM 100V N-Channel PowerTrench MOSFET; Package: TO-220; No of Pins: 3; Container: Rail 120 A, 100 V, 0.0047 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Fairchild Semiconductor, Corp.
|
FDT86113LZ |
100V N-Channel PowerTrenchMOSFET N-Channel PowerTrench? MOSFET 100 V, 3.3 A, 100 m N-Channel PowerTrench? MOSFET 100 V, 3.3 A, 100 m
|
Fairchild Semiconductor
|
NTB6410ANT4G NTP6410AN NTP6410ANG NTB6410ANG |
N-Channel Power MOSFET 100 V, 76 A, 13 mΩ 76 A, 100 V, 0.013 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
ON Semiconductor
|
ZXMN10A07Z ZXMN10A07ZTA |
TV 6C 6#20 SKT PLUG RECP 1000 mA, 100 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 100V N-CHANNEL ENHANCEMENT MODE MOSFET
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
|