PART |
Description |
Maker |
IRFB4710PBF IRFS4710PBF IRFSL4710PBF IRFS4710TRR I |
High frequency DC-DC converters HEXFET㈢ Power MOSFET HEXFET? Power MOSFET 75 A, 100 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET
|
International Rectifier
|
MAX626-TSC428 TSC426CBA TSC426CPA TSC426MJA TSC427 |
Dual Power MOSFET Driver 双电源MOSFET驱动 QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES 20-LCCC -55 to 125 30V N-Channel PowerTrench MOSFET Dual Power MOSFET Drivers Dual-Power MOSFET Drivers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
IRFP260PBF IRF6618TRPBF IRF6618PBF |
HEXFET? Power MOSFET DirectFET?Power MOSFET ? DirectFET㈢Power MOSFET ㈢ HEXFET㈢ Power MOSFET
|
International Rectifier
|
IRFI634G ORFO634G |
POWER MOSFET 功率MOSFET Power MOSFET(Vdss=250V / Rds(on)=0.45ohm / Id=5.6A) 250V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRF9Z34-001PBF IRF9543-003PBF IRF9543-005PBF IRF95 |
18 A, 60 V, 0.14 ohm, P-CHANNEL, Si, POWER, MOSFET 16 A, 80 V, 0.3 ohm, P-CHANNEL, Si, POWER, MOSFET 3 A, 80 V, 1.2 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-220AB 9.7 A, 60 V, 0.28 ohm, P-CHANNEL, Si, POWER, MOSFET 2 A, 500 V, 4 ohm, N-CHANNEL, Si, POWER, MOSFET 2.1 A, 1000 V, 6.7 ohm, N-CHANNEL, Si, POWER, MOSFET 2.8 A, 800 V, 3.8 ohm, N-CHANNEL, Si, POWER, MOSFET 10 A, 400 V, 0.55 ohm, N-CHANNEL, Si, POWER, MOSFET 19 A, 80 V, 0.2 ohm, P-CHANNEL, Si, POWER, MOSFET 7 A, 450 V, 1.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 6.2 A, 600 V, 1.2 ohm, N-CHANNEL, Si, POWER, MOSFET 2.2 A, 600 V, 4.4 ohm, N-CHANNEL, Si, POWER, MOSFET 1.7 A, 400 V, 5 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Vishay Intertechnology, Inc. Intersil, Corp. VISHAY INTERTECHNOLOGY INC
|
SI4410DYPBF SI4410DYTRPBF |
N-Channel MOSFET 10 A, 30 V, 0.0135 ohm, N-CHANNEL, Si, POWER, MOSFET, MS-012AA LEAD FREE, SO-8 HEXFET㈢Power MOSFET HEXFET?Power MOSFET
|
Hypertronics, Corp. International Rectifier
|
NTP75N06 NTP75N06D NTP75N06G NTB75N06 NTB75N06G NT |
Power MOSFET 75 A, 60 V, 0.0095 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 75 Amps, 60 Volts
|
ONSEMI[ON Semiconductor]
|
IRL3714L IRL3714S IRL3714 IRL3714STRR |
TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 36A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 20V的五(巴西)直| 36A条(丁)|63AB HEXFET? Power MOSFET Power MOSFET(Vdss=20V, Rds(on)max=20mohm, Id=36A) 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. http:// IRF[International Rectifier]
|
IXFT74N20 IXFR90N20 IXFE24N100 |
HIPERFET POWER MOSFETs 74 A, 200 V, 0.3 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-268 90 A, 200 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET ISOPLUS247, 3 PIN Single MOSFET Die 22 A, 1000 V, 0.39 ohm, N-CHANNEL, Si, POWER, MOSFET
|
IXYS, Corp.
|
IXTA4N60P IXTU4N60P IXTY4N60P |
MOSFET N-CH 600V 4A D2-PAK 4 A, 600 V, 2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB PolarHV Power MOSFET
|
IXYS, Corp. IXYS Corporation
|
IRF5802 IRF5802TR |
150V Single N-Channel HEXFET Power MOSFET in a TSOP-6 (Micro 6) package Power MOSFET(Vdss=150V, Id=0.9A) Power MOSFET(Vdss=150V/ Id=0.9A) 0.9 A, 150 V, 1.2 ohm, N-CHANNEL, Si, POWER, MOSFET
|
IRF[International Rectifier]
|
|