PART |
Description |
Maker |
MAB03027 MAB03030 MAB03033 MAB03036 MAB03039 MAB03 |
3 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
|
Powerbox
|
PSPD25 PSPD-2512 PSPD-2515 PSPD-2505 PSPD-25A PSPD |
Dual Output Up to 25 Watts AC/DC Power Supply
|
Wall Industries,Inc.
|
SP9812A |
25 Watts Dual Output Switching Adapter
|
Bothhand USA, LP.
|
MAD24003 MAD24006 MAD24009 MAD24012 MAD24015 MAD24 |
8-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
|
Powerbox
|
MAE32-003 MAE32-006 MAE32-009 MAE32-012 MAE32-015 |
15 WATTS SINGLE & DUAL & TRIPLE OUTPUT DC/DC INDUSTRIAL
|
Powerbox
|
FDC20-48S05W FDC20-48S12W FDC20-24S15W FDC20-48D12 |
SIINGLE AND DUAL OUTPUT,, 4::1 WIIDE IINPUT RANGE 20 WATTS DC//DC CONVERTERS
|
Volgen Kaga Electronics Inc.
|
APS100HD-24B-S150 APS100HD-24B-S120 APS100HD-24B-D |
18-36 VDC INPUT RANGE DC-DC CONVERTER HALF-BRICK POWER MODULES 100-150 WATTS SINGLE & DUAL OUTPUT 18-36 VDC INPUT RANGE DC-DC CONVERTER HALF-BRICK POWER MODULES 100-150 WATTS SINGLE & DUAL OUTPUT 18-36伏直流电输入范围的DC - DC转换器半砖电源模00-150华特
|
Electronic Theatre Controls, Inc.
|
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
HDM25-12B-D12 HDM25-12B-D15 HDM25-24B-D12 HDM25-24 |
PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES INDUSTRIAL GRADE 25 WATTS DUAL OUTPUT
|
HITRON ELECTRONICS CORPORTION
|
TPAM05S-240022 |
ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 5 WATTS SINGLE & DUAL OUTPUT
|
Total Power Internation...
|
HAS50-T050MI HAS50-D HAS50-D033E HAS50-D050E HAS50 |
CHASSIS-MOUNT UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS DUAL & TRIPLE OUTPUT
|
HITRON ELECTRONICS CORPORTION
|