PART |
Description |
Maker |
N2596SG-5 N2596TG-5 N2596G-5 |
150 KHz 3A Step-Down Switching Voltage Regulator (SVR)-Preliminary
|
List of Unclassifed Manufacturers ETC
|
LT3991IMSEPBF LT3991EMSEPBF LT3991EMSETRPBF |
55V, 1.2A Step-Down Regulator with 2.8µA Quiescent Current, MSOP, 10 Pins, Temperature Range: –40°C to 125°C 2.9 A SWITCHING REGULATOR, 2400 kHz SWITCHING FREQ-MAX, PDSO10 55V, 1.2A Step-Down Regulator with 2.8µA Quiescent Current,MSOP, 10 Pins, Temperature Range: –40°C to 125°C, Tape and Reel 2.9 A SWITCHING REGULATOR, 2400 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|
LM2576D2T-3.3 LM2576T-ADJ LM2576D2TR4-5G LM2576D2T |
3.0 A, 15 V, Step−Down Switching Regulator 3.0 A, 15 V, Step?Down Switching Regulator 3.0 A, 15 V, Step−Down Switching Regulator 7.5 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5 3.0 A, 15 V, Step−Down Switching Regulator 7.5 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PZFM5 3.0 A, 15 V, Step-Down Switching Regulator(3.0A,15V,???????崇ǔ???)
|
Rectron Semiconductor http://
|
KA3S1265 KA3S1265R KA3S1265RD-TU KA3S1265RD-YDTU K |
Fairchild Power Switch(SPS) RECOMMEND NEW DEVICE KA5Q1265RF From old datasheet system Fairchild Power Switch(FPS) 48 A SWITCHING REGULATOR, 150 kHz SWITCHING FREQ-MAX, PSFM5 Fairchild Power Switch(FPS) 48 A SWITCHING REGULATOR, 150 kHz SWITCHING FREQ-MAX, PZFM5
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
LT1766 LT1766EGN-5 LT1766IGN-5 LT1766EFE-5 |
High Voltage 1.5A, 200kHz Step-Down Switching Regulators 5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator 5.5V to 60V 1.5A/ 200kHz Step-Down Switching Regulator RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3 A SWITCHING REGULATOR, 228 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology Corporation Linear Technology, Corp.
|
AMC2596 AMC2596-3.3 AMC2596-5.0 AMC2596-ADJ |
150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
|
ETC
|
IXGP30N60B2 |
Optimized for 10-25 KHz hard switching and up to 150 KHz resonant switching Optimized for 10-25 KHz hard switching and up to 150 KHz resonant switching
|
IXYS Corporation
|
LT1937 1937F LT1937ES5 LT1937ESC6 LT1937ES5TRMPBF |
0.32 A SWITCHING REGULATOR, 1600 kHz SWITCHING FREQ-MAX, PDSO6 From old datasheet system White LED Step-Up Converter in SC70 and ThinSOT 0.32 A SWITCHING REGULATOR, 1600 kHz SWITCHING FREQ-MAX, PDSO5
|
Linear Technology Corporation Linear Technology, Corp.
|
LM2575TV-005 LM2575D2T-ADJR4 |
Isolated Flyback Switching Regulator with 9V Output 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSFM5 1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5
|
ON Semiconductor
|
ADP2102YCPZ-0.8-R7 ADP2102YCPZ-1.5-R7 ADP2102-15 |
SWITCHING REGULATOR, 3000 kHz SWITCHING FREQ-MAX, QCC16 3 X 3 MM, ROHS COMPLIANT, LFCSP-16 Low Duty Cycle, 600 mA, 3 MHz Synchronous Step-Down DC-to-DC Converter SWITCHING REGULATOR, 3000 kHz SWITCHING FREQ-MAX, QCC16
|
Analog Devices, Inc.
|
LT1339N |
SWITCHING CONTROLLER, 150 kHz SWITCHING FREQ-MAX, PDIP20
|
LINEAR TECHNOLOGY CORP
|