PART |
Description |
Maker |
M38223M4M-145HP M38223M4-182FP M38223M4-183FP M382 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3822 Series Microcontrollers: On-Chip Segment LCD Drivers with A-D Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
UPD78081CU-XXX UPD780054GK-XXX-BE9 UPD780054YGK-XX |
44-pin 8-bit microcomputer with on-chip UART 8-bit single-chip microcontroller Mask ROM 32K bytes, CMOS 8-bit microcomputer 78K/0 series Mask ROM 24K bytes, CMOS 8-bit microcomputer 78K/0 series Mask ROM 40K bytes, CMOS 8-bit microcomputer 78K/0 series 78K/0 series ROM-less 8-bit single-chip microcomputers 8-bit CMOS single-chip microcomputer 8-bit single-chip microcomputer 78K/0 series 100-pin g/p control 8-bit microcomputer with on-chip I2C bus 8-bit SC MC with on-chip 8-bit resolution D/A converter, UART 8-bit microcomputer w/ on-chip I2C bus I/F & A/D converter IEBus controller built-in 8-bit SC microcomputer
|
NEC
|
S3C9434 S3P9432 |
8-Bit Single-Chip CMOS Microcontrollers 8-bit single-chip CMOS microcontroller. OTP version.
|
Samsung Electronic
|
M37210M4-227SP M37210M4-218SP M37210M3-560SP M3721 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER SINGLE CHIP 8-BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER Single Chip 8-Bit CMOS MICROCOMPUTER for Voltage SYNTHESISER WITH OSD Controller Single-chip 8-bit CMOS microcfomputer for voltage synthesizer with on-screen display controller.
|
Mitsubishi Electric Corporation
|
KS57C4104 KS57C4204 KS57C4304 KS57P4104 KS57P4304 |
(KS57C4104 - KS57P4304) single-chip CMOS microcontroller The KS57C4104/KS57C4204/KS57C4304 single-chip CMOS microcontroller has been designed for very high performance using Samsungs newest 4-bit CPU core, S
|
SAMSUNG[Samsung semiconductor]
|
M37708S1LGP M37702S1LHP M37708S1LHP M37702M2L-249H |
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16位CMOS微机 Single Chip 16 Bits CMOS Microcomputer(16位单片机) 单片微机16位的CMOS6位单片机
|
Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
M30843MW-XXXGP M30845MW-XXXGP 32C84 M30842MC-XXXGP |
32-BIT, MROM, 32 MHz, MICROCONTROLLER, PQFP144 SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
|
Renesas Electronics Corporation http://
|
R5F21244SDFP R5F21244SDXXXFP R5F21244SDXXXLG R5F21 |
16-BIT, FLASH, 20 MHz, MICROCONTROLLER, PQFP52 SINGLE-CHIP 16-BIT CMOS MCU SINGLE-CHIP 16-BIT CMOS MCU
|
Renesas Electronics Corporation
|
GMS97C1051-24D GMS97L1051 GMS97L2051 GMS97L1051-D |
8-Bit CMOS Microcontorller CMOS SINGLE CHIP 8-BIT MCS-51 COMPATIBLE MICOROCONTROLLER(CMOS单芯8和MCS-51兼容的微控制 REMOTE CONTROLLER
|
Hynix Semiconductor Inc. 微控制器
|