PART |
Description |
Maker |
FC250R1 |
Power Module:dc-dc Converter; 18 Vdc to 36 Vdc Input, 28 Vdc Output; 250 W
|
Tyco Electronics
|
AT80C5112 |
DC-DC Converter, 15Watt, Input VDC: 9~36, Output VDC: 12, Max Output Current(A): 1.25, Package: 2x1, Isolation(VDC): 1500, Operating Temp. -40C
|
Atmel Corp.
|
LANC4815DW12 LANC4815DW12-S |
DC/DC Converter 36-75 VDC Input 隆戮15 VDC Output at 隆戮0.4A DC/DC Converter 36-75 VDC Input ±15 VDC Output at ±0.4A
|
Wall Industries,Inc.
|
MPQ24S48-50C MPQ24S48-50R |
50 W DC-DC Converter 10-36 Vdc Input 48 Vdc Output at 1 A Quarter-Brick Package
|
Wall Industries,Inc.
|
LANC482.5W12-S LANC482.5W12 |
DC/DC Converter 36-75 VDC Input 2.5 VDC Output at 3.5A
|
Wall Industries,Inc.
|
LANC485.1W12 LANC485.1W12-S |
DC/DC Converter 36-75 VDC Input 5.1 VDC Output at 2.4A
|
Wall Industries,Inc.
|
LANC2415UW12 |
DC/DC Converter 9-36 VDC Input 15 VDC Output at 0.8A
|
Wall Industries,Inc.
|
LANC122.5W12 LANC122.5W12-S LANC1225W12 LANC1225W1 |
DC/DC Converter 9-18 VDC Input 2.5 VDC Output at 3.5A
|
List of Unclassifed Manufacturers ETC Wall Industries,Inc.
|
0RXU-75TD10 |
ISOLATED DC/DC CONVERTERS 36 Vdc - 75 Vdc Input 12 Vdc/5 A, -12 Vdc/1.5 A Dual Outputs
|
BEL[Bel Fuse Inc.]
|
HEC100-48S3P3 HEC100-48S3P3-K HEC100-48S3P3-L HEC1 |
Input range:36-75 VDC;output voltage:3.3 VDC; output current:25 A;input current:2.022 A; 100 W single output DC-DC converter Input range:36-75 VDC;output voltage:5/2.5 VDC; output current:20/25 A;input current:2.45 A; 100 W dual output DC-DC converter Input range:36-75 VDC;output voltage:2.5 VDC; output current:25 A;input current:1.608 A; 100 W single output DC-DC converter Input range:36-75 VDC;output voltage:1.8 VDC; output current:25 A;input current:1.157 A; 100 W single output DC-DC converter
|
Power Mate Technology
|
VRAH-01FX20 VRAH-01FX50 |
NON-ISOLATED DC/DC CONVERTERS 3.0 Vdc - 5.5 Vdc Input 12 Vdc/0.8 A & 15 Vdc/0.6 A Output 1-OUTPUT 9.6 W DC-DC REG PWR SUPPLY MODULE
|
Bel Fuse, Inc. BEL FUSE INC
|
SLIN-06E2A0 SLIN-06E2AL SLIN-06E2AX |
NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /6 A Outputs
|
Bel Fuse Inc.
|