PART |
Description |
Maker |
BD9300 BD9300FV BD9300F |
DC-DC Converter, 1Watt, Input VDC: 5, Output VDC: 5, Max Output Current(A): 0.2, Package: SIP7, Isolation(VDC): 6000, Operating Temp. -40C to 85 1-channel DC/DC converter controller
|
http:// Rohm CO.,LTD.
|
JFW050C JFW050C1 |
Power Module: dc-dc Converter, 36 to 75 Vdc Input, 15 Vdc Output DC-DC Converter: (36 to 75) V to (15) V
|
Tyco Electronics
|
MPQ24S48-50C MPQ24S48-50R |
50 W DC-DC Converter 10-36 Vdc Input 48 Vdc Output at 1 A Quarter-Brick Package
|
Wall Industries,Inc.
|
LANC482.5W12-S LANC482.5W12 |
DC/DC Converter 36-75 VDC Input 2.5 VDC Output at 3.5A
|
Wall Industries,Inc.
|
LANC4812UW12-S |
DC/DC Converter 18-75 VDC Input 12 VDC Output at 1.0A
|
Wall Industries,Inc.
|
LANC4833UW12 LANC4833UW12-S |
DC/DC Converter 18-75 VDC Input 3.3 VDC Output at 3.5A
|
Wall Industries,Inc.
|
LANC245.1W12 LANC245.1W12-S |
DC/DC Converter 18-36 VDC Input 5.1 VDC Output at 2.4A
|
Wall Industries,Inc.
|
LANC4812W12 LANC4812W12-S |
DC/DC Converter 36-75 VDC Input 12 VDC Output at 1.0A
|
Wall Industries,Inc.
|
VRAH-01FX20 VRAH-01FX50 |
NON-ISOLATED DC/DC CONVERTERS 3.0 Vdc - 5.5 Vdc Input 12 Vdc/0.8 A & 15 Vdc/0.6 A Output 1-OUTPUT 9.6 W DC-DC REG PWR SUPPLY MODULE
|
Bel Fuse, Inc. BEL FUSE INC
|
SLIN-20F1AX SLIN-20F1AL SLIN-20F1A0 |
2.4 Vdc - 5.5 Vdc Input, 0.6 Vdc - 3.63 Vdc /20 A Output NON-ISOLATED DC/DC CONVERTERS
|
Bel Fuse Inc.
|
K103K10X7RF5UH5 |
Radial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
|
Vishay Siliconix
|