PART |
Description |
Maker |
IRFL024 IRFL024N IRFL024NTRPBF IRFL024NTR |
Surface Mount Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=2.8A) HEXFET? Power MOSFET Power MOSFET(Vdss=55V Rds(on)=0.075ohm Id=2.8A) N-Channel HEXFET Power MOSFET(N沟道 HEXFET 功率MOS场效应管) Advanced Process Technology
|
IRF[International Rectifier]
|
IRF3808L IRF3808S RF3808S |
75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 75V Single N-Channel HEXFET Power MOSFET in a TO-262 package AUTOMOTIVE MOSFET Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=106A?) Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=106A) Power MOSFET(Vdss=75V/ Rds(on)=0.007ohm/ Id=106A) Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=106A 功率MOSFET(减振钢板基本\u003d 75V的,的Rdson)\u003d 0.007ohm,身份证\u003d 106A章?
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRF9Z14S IRF9Z14L IRF9Z14STRL IRF9Z14STRR |
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-6.7A) 功率MOSFET(减振钢板基本\u003d- 60V的,的Rds(on)\u003d 0.50ohm,身份证\u003d- 6.7A Power MOSFET(Vdss=-60V/ Rds(on)=0.50ohm/ Id=-6.7A) HEXFET? Power MOSFET -60V Single P-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFR9214 IRFU9214 IRFRU9214 |
-250V Single P-Channel HEXFET Power MOSFET in a I-Pak package HEXFET? Power MOSFET Power MOSFET(Vdss=-250V, Rds(on)=3.0ohm, Id=-2.7A) HA1L-M1C53-G L6 Ovrsz ILL PB Rnd Flsh Mom SPDT 12V LED Sldr
|
IRF[International Rectifier]
|
IRFIZ34E IRFIZ34EPBF |
60V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET Power MOSFET(Vdss=60V, Rds(on)=0.042ohm, Id=21A)
|
IRF[International Rectifier]
|
IRFP3710PBF IRFP3710PBF-15 |
HEXFET POWER MOSFET ( VDSS = 100V , RDS(on) = 0.025Ω , ID = 57A ) HEXFET POWER MOSFET ( VDSS = 100V , RDS(on) = 0.025ヘ , ID = 57A ) ADVANCED PROCESS TECHNOLOGY
|
International Rectifier
|
IRFL4310 IRFL4310TR |
HEXFET? Power MOSFET 1.6 A, 100 V, 0.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=1.6A) 100V Single N-Channel HEXFET Power MOSFET in a SOT-223 package
|
IRF[International Rectifier]
|
IRF1407L IRF1407S IRF1407STRR |
75V Single N-Channel HEXFET Power MOSFET in a TO-262 package Power MOSFET(Vdss = 75V, Rds(on) = 0.0078з, Id = 100A?) Power MOSFET(Vdss = 75V, Rds(on) = 0.0078, Id = 100A) Power MOSFET(Vdss = 75V/ Rds(on) = 0.0078/ Id = 100A) TRANSISTOR | MOSFET | N-CHANNEL | 75V V(BR)DSS | 100A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 75V的五(巴西)直| 100号A(丁)|63AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFR9210 IRFU9210 |
-200V Single P-Channel HEXFET Power MOSFET in a I-Pak package Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-1.9A) HEXFET? Power MOSFET
|
IRF[International Rectifier]
|