PART |
Description |
Maker |
74HCHCT7080 |
16-bit even/odd parity generator/checker
|
Philips
|
MC74HC280 MC74HC280D ON1407 |
9-Bit Odd/Even Parity Generator/Checker From old datasheet system
|
ON Semi Motorola, Inc
|
MAX1320ECM MAX1316ECM MAX1317ECM MAX1324ECM MAX132 |
Dual 8-Bit To 9-Bit Parity Bus Transceivers 56-SSOP -40 to 85 18-Bit Buffers/Drivers With 3-State Outputs 56-SSOP -40 to 85 8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to 5V Analog Input Ranges
|
Maxim Integrated Products, Inc. ADC
|
M28F201 M28F201-120K6R M28F201-120XK6R M28F201-120 |
Triple 3-Input Positive-NOR Gates 14-SOIC 0 to 70 Triple 3-Input Positive-NOR Gates 14-PDIP 0 to 70 9-Bit Parity Generators/Checkers 14-SOIC 0 to 70 Quadruple 2-Input Multiplexers With Storage 16-PDIP 0 to 70 8-Input Positive-NAND Gates 14-SSOP 0 to 70 9-Bit Parity Generators/Checkers 14-PDIP 0 to 70 2 MB56K × 8,芯片擦除闪 9-Bit Parity Generators/Checkers 14-SO 0 to 70 2 MB56K × 8,芯片擦除闪 2 Mb 256K x 8, Chip Erase FLASH MEMORY 2 MB56K × 8,芯片擦除闪 8-Input Positive-NAND Gates 14-SO 0 to 70 2 MB56K × 8,芯片擦除闪 9-Bit Parity Generators/Checkers With Bus-Driver Parity I/O Ports 14-SOIC 0 to 70 2 MB56K × 8,芯片擦除闪 2 Mb 256K x 8/ Chip Erase FLASH MEMORY 2 Mb 256K x 8, Chip Erase FLASH MEMORY 2 MB256K × 8,芯片擦除闪 8-Input Positive-NAND Gates 14-SOIC 0 to 70 2 MB256K × 8,芯片擦除闪
|
意法半导 STMicroelectronics N.V.
|
74ALVT16899 74ALVT16899DGG AV16899DL AV16899DGG |
2.5V/3.3V 18-bit latched transceiver with 16-bit parity generator/checker 3-State
|
PHILIPS[Philips Semiconductors]
|
SSTUA32866EC-G |
1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-667 RDIMM applications
|
NXP Semiconductors
|
SSTUB32866EC_G SSTUB32866EC_S SSTUB32866 |
1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications
|
PHILIPS[Philips Semiconductors]
|
CY2SSTU32866BFXC CY2SSTU32866BFXCT |
1.8V, 25-bit (1:1) of 14-bit (1:2) JEDEC-Compliant Data Register with Parity
|
SpectraLinear Inc
|
74ABT16899 74ABT16899DGG 74ABT16899DL BT16899DGG B |
18-bit latched transceiver with 16-bit parity generator/checker 3-State ABT SERIES, DUAL 8-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56
|
Maxim Integrated Products NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
DM74AS280 DM74AS280M DM74AS280N DM74AS280MX |
From old datasheet system 10-Bit Bus Transceiver With 3-State Outputs 24-TSSOP -40 to 85 AS SERIES, 9-BIT PARITY GENERATOR/CHECKER, COMPLEMENTARY OUTPUT, PDSO14
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|