PART |
Description |
Maker |
M38503E4SS M38503MXH M37516RSS M38504E6FP M38504E6 |
RAM size:768 bytes; single-chip 8-bit CMOS microcomputer RAM size:896 bytes; single-chip 8-bit CMOS microcomputer RAM size:192 bytes; single-chip 8-bit CMOS microcomputer RAM size:256 bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-Bit CMOS Microcomputer 3850 Series Microcontrollers: General Purpose with A/D Converter RAM size:1536 bytes; single-chip 8-bit CMOS microcomputer RAM size:640 bytes; single-chip 8-bit CMOS microcomputer RAM size:384 bytes; single-chip 8-bit CMOS microcomputer RAM size:512 bytes; single-chip 8-bit CMOS microcomputer RAM size:1024 bytes; single-chip 8-bit CMOS microcomputer RAM size:2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
M38034 M3804 M38034M4-059FP M38037M6-133FP M38047M |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 SENSOR SST 12MM ZERO SPEED Single Chip 8 Bits Microcomputer(8位单片机)
|
Mitsubishi Electric Semiconductor Mitsubishi Electric, Corp. Mitsubishi Electric Corporation
|
HD64F3048 H8/3045 H8/3047 HD643304X H8/3048 HD6433 |
(HD64 Series) Hitachi Single-Chip Microcomputer HEADER, 3 POS, 0.100INC, STRT, SNGL Hitachi Single-Chip Microcomputer 日立单片
|
Hitachi Semiconductor Hitachi,Ltd.
|
UPD703111GM-13-UEU UPD703111GM-10-UEU UPD703081 UP |
32-bit RISC microcontroller (V850E/ME2) 32-bit microcontroller incorporating controller for driving automobile meter 100-pin general-purpose 32-bit single-chip microcontroller (V850ES/SG2) 100-pin version with on-chip IEBus 32-bit SC microcontroller (V850ES/SG2) 100-pin general-purpose 32-bit single-chip microcomputer(V850ES/KG1) 100-pin IEBus inclusion 32-bit single-chip microcontroller (V850ES/SG2) 100pin CAN controller inclusion 32bit single-chip microcontroller(V850ES/SG2) 100-pin general-purpose 32-bit single-chip microcomputer(V850ES/KG1 ) Ultra-low-voltage 32-bit RISC microcontroller 144-pin general-purpose 32-bit single-chip microcontroller (V850ES/SJ2) 144-pin general-purpose 32-bit single-chip microcomputer(V850ES/KJ1) 144-pin IEBus inclusion 32-bit single-chip microcontroller(V850ES/SJ2) 144-pin IEBus inclusion 32-bit single-chip microcontroller (V850ES/SJ2) 64-pin general-purpose 32-bit single-chip microcomputer(V850ES/KE1 ) 80-pin general-purpose 32-bit single-chip microcomputer(V850ES/KF1 ) 64-pin general-purpose 32-bit single-chip microcomputer(V850ES/KE1) 80-pin general-purpose 32-bit single-chip microcomputer(V850ES/KF1) 32-bit RISC single-chip microcontroller(V850/SB1:Low-noise Enhanced version ) 32-bit RISC single-chip microcontroller(V850/SB2:Low-noise Enhanced version) UPD703229Y Series 32-bit single-chip microcontroller with V850ES core 144pin CAN controller inclusion 32bit single-chip microcontroller(V850ES/SJ2) 144-pin general-purpose 32-bit single-chip microcomputer(V850ES/KJ1 ) 100-pin version with on-chip IEBus 32-bit SC microcontroller(V850ES/SG2) 100-pin version with on-chip CAN 32-bit single-chip microcontroller (V850ES/SG2) 32-bit RISC single-chip microcontroller Inclusion delta-sigma modulation A/D
|
NEC
|
M32170F3VFG M32170F4VFP M32170F3VWG M32170F4VWG M3 |
32-BIT RISC SINGLE-CHIP MICROCOMPUTER 32 Bits RISC COMS Single Chip Microcomputer(32RISC 单片
|
Mitsubishi Electric Corporation
|
M34250E2FP M34250M2 M34250M2-066FP M34250M2-086FP |
Single Chip 4-bit Microcomputer SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER SINGLE- CHIP 4-BIT CMOS MICROCOMPUTER From old datasheet system
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
HD404918 HD404919 HD40P4919 HN27C256-20 HN27C256H- |
ROM(words): 16,386; V(cc): -0.3 to 7.0V; CMOS 4-bit single-chip microcomputer CMOS 4-bit single-chip microcomputer of the HMCS400 series incorporates ROM,RAM,1
|
HITACHI[Hitachi Semiconductor]
|
M37272M8H-XXXSP M37272M8H-XXXFP M37272M8H-213FP M3 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and OSD
|
Mitsubishi Electric Corporation
|
M37532E8FP M37532M4 M37532M4-A17GP M37532RSS 7532G |
Single Chip 8-Bit CMOS Microcomputer From old datasheet system SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
|
Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|