PART |
Description |
Maker |
GI341.A227106 GI341.A227109 GI341.A227113 GI341.A2 |
Incremental encoders
|
Baumer IVO GmbH & Co. KG
|
G1IOH.G25C330 G1IOH.H25C330 G1IOH.G25C331 G1IOH.H2 |
Incremental encoders
|
Baumer IVO GmbH & Co. KG
|
1311T-BS001AQ12 1110-A001AQ12 1110-AQ001AQ12 1110- |
Hall Effect Incremental Rotary Shaft Encoders
|
N/A ETC[ETC] List of Unclassifed Manufacturers
|
AEAS-71AC-HACAB AEAS-71AC-HACBB AEAS-71AC-HGCBB AE |
AEAS-71AC-HACAB · Absolute Encoders AEAS-71AC-HACBB · Absolute Encoders AEAS-71AC-HGCBB · Absolute Encoders AEAS-71AC-HGPBB · Absolute Encoders AEAS-71AC-LACAB · Absolute Encoders AEAS-71AC-LACBB · Absolute Encoders AEAS-71AC-LAVAB · Absolute Encoders AEAS-71AC-LAVBB · Absolute Encoders AEAS-71AC-LGCBB · Absolute Encoders AEAS-71AC-LGVAB · Absolute Encoders AEAS-71AC-LGVBB · Absolute Encoders
|
Agilent (Hewlett-Packard)
|
ECW1J-B24-BC0024L ECW0J-J24-BC0006L ECW1D-B36-BC00 |
Digital Contacting Encoder SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER ROHS COMPLIANT PACKAGE ENCODER-DIGITAL CONTACTING SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Encoders Digital Contacting Bushing Mount SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Incremental Encoder; Encoder Type:Incremental; Encoder Resolution:24CPR; No. of Channels:2; Shaft Diameter:6.35mm; Series:ECW; Rotation Speed:120rpm; Torque Max:2.25in-oz; Operating Temperature Range:-40 C to 85 C RoHS Compliant: Yes Incremental Encoder; Encoder Type:Incremental; Encoder Resolution:24CPR; No. of Channels:2; Shaft Diameter:6.35mm; Series:ECW; Rotation Speed:120rpm; Torque Max:2.25in-oz; Operating Temperature Range:-40 C to 85 C RoHS Compliant: No
|
Bourns Electronic Solutions Bourns Inc. Bourns, Inc. Cypress Semiconductor, Corp. Harwin PLC Bourns Electronic Solut...
|
AEAS-72AC-LAVBB AEAS-72AC-LAVAB AEAS-72AC-HGPAB AE |
AEAS-72AC-LAVBB · Absolute Encoders AEAS-72AC-LAVAB · Absolute Encoders AEAS-72AC-HGPAB · Absolute Encoders AEAS-72AC-HACBB · Absolute Encoders AEAS-72AC-LGCAB · Absolute Encoders
|
Agilent (Hewlett-Packard)
|
HEDS-5120-A13 HEDT-9100 HEDS-5120-A14 HEDT-9101-I0 |
HEDT-9101#A00 · High Temperature 125 degrees C Two Channel Optical Incremental Encoder Modules HEDT-9100#A00 · High Temperature 125 degrees C Two Channel Optical Incremental Encoder Modules HEDT-9001#A00 · High Temperature 125 degrees C Two Channel Optical Incremental Encoder Modules HIGH TEMPERATURE 125 DEGREE CELCIOUS TWO CHANNEL OPTICAL INCREMENTAL ENCODER MODULES ANALOG Replaced PQ025EH02ZPH High Temperature 125 degrees C Two Channel Optical Incremental Encoder Modules 高温125℃双通道光学增量编码器模 SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] Avago Technologies, Ltd.
|
HEDS-9100 HEDS-9101 HEDS-9100A00 HEDS-9101C00 |
Two Channel Optical Incremental Encoder Modules 双通道光学增量编码器模 HEDS-9101#A00 · Two Channel Optical Incremental Encoder Modules HEDS-9100#A00 · Two Channel Optical Incremental Encoder Modules
|
Avago Technologies, Ltd. Agilent (Hewlett-Packard)
|
PEC09 PEC09-2120F-S0012 PEC09-2120F-N0015 PEC09-21 |
PEC09 Series - 9 mm Incremental Encoder 9 mm Incremental Encoder
|
Bourns Electronic Solutions Bourns Electronic Solut...
|
AEAS-72AA-HGCAA AEAS-72AA-LGVAA |
AEAS-72AA-HGCAA · Absolute Encoders AEAS-72AA-LGVAA · Absolute Encoders
|
Agilent (Hewlett-Packard)
|
PEC11R-4130K-S0024 |
12 mm Incremental Encoder
|
Bourns Electronic Solut...
|
PEC16-4115F-N0012 PEC16-4115F-N0024 PEC16-4115F-S0 |
16 mm Incremental Encoder
|
Bourns Electronic Solut...
|