PART |
Description |
Maker |
HDN1075O A0556 Q68000-A4317 Q68000-A4315 HDN1077-O |
1-Digit LED 7 Segment IC-Compatible W... 0.28(7MM) SEVEN SEGMANT NUMERIC DISPLAY SOW CURRENT SEVEN SEGMENT DISPLAY 7MM LOW CURRENT VERSION From old datasheet system
|
Infineon SIEMENS[Siemens Semiconductor Group]
|
AUR13A-A |
12.7mm (0.5) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
|
SunLED Corporation
|
AUR13A |
12.7mm (0.5) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
|
SunLED Corporation
|
PSA05-12EWA |
12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
|
Kingbright Corporation
|
PSA05-12SRWA |
12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
|
Kingbright Corporation
|
HDSP-513Y-LL000 5082-511A-00000 5082-511A-0H000 50 |
14.22 mm (0.56 inch) General Purpose Seven-Segment Display 14.22毫米.56英寸)通用七段显示 Multichannel Remote/Local Temperature Sensors 16-Bit Voltage-Output DAC in SO-8 Package; Package: SOIC; No of Pins: 8; Temperature Range: Commercial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: SSOP; No of Pins: 16; Temperature Range: Industrial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: TBD Low Profile Power Relay, 1 Form C, 16A 250VAC, Class F Coil HDSP-511A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display
|
ITT, Corp. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard) Agilent(Hewlett-Packard...
|
LTS-3406LE LTS3406LE |
The LTS-3406LE is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY The LTS-3406LE is a 0.8 inch (20.32 mm) digit height single digit seven-segment display 在三 3406LE是一.8英寸0.32毫米)两位数的高个位数七段显示器
|
LITEON[Lite-On Technology Corporation] LITE-ON Electronics 光宝科技股份有限公司 Lite-On Technology, Corp. ???绉???′唤??????
|
HDSP-2112-IJ000 HDSP-2111-HI000 HDSP-2111-GH000 HD |
HDSP-2113 · Eight Character 5mm and 7mm Smart Alphanumeric Displays HDSP-2112 · Eight Character 5mm and 7mm Smart Alphanumeric Displays HDSP-2111 · Eight Character 5mm and 7mm Smart Alphanumeric Displays HDSP-2110 · Eight Character 5mm and 7mm Smart Alphanumeric Displays HDSP-2107 · Eight Character 5mm and 7mm Smart Alphanumeric Displays HDSP-2504 · Eight Character 5mm and 7mm Smart Alphanumeric Displays HDSP-2503 · Eight Character 5mm and 7mm Smart Alphanumeric Displays HDSP-2502 · Eight Character 5mm and 7mm Smart Alphanumeric Displays HDSP-2501 · Eight Character 5mm and 7mm Smart Alphanumeric Displays HDSP-2500 · Eight Character 5mm and 7mm Smart Alphanumeric Displays HDSP-2111-GH000 · Eight Character 5mm and 7mm Smart Alphanumeric Displays HDSP-2111-HI000 · Eight Character 5mm and 7mm Smart Alphanumeric Displays HDSP-2112-IJ000 · Eight Character 5mm and 7mm Smart Alphanumeric Displays
|
Agilent (Hewlett-Packard)
|
HDSP-5523-GG000 HDSP-5523-GH000 HDSP-K121-DE000 HD |
HDSP-5523-GG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5523-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-K121-DE000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5501-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5601-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5503-FG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5703-FG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5507-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5607-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5507-GG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5508-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-K123-DE000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5623-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5521-GG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5521-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5721-FG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5503-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5603-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5501-FG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5701-FG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5501-GG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5507-FG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5503-GG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5621-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-H153-KL000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-H151-KL000 · 14.2 mm (0.56 inch) Seven Segment Displays
|
Agilent (Hewlett-Packard)
|
LTS-3403LY LTS3403LY LITE-ONELECTRONICSINC-LTS-340 |
The LTS-3403LY is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3403LY is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY
|
LITEON[Lite-On Technology Corporation] LITE-ON Electronics 光宝科技股份有限公司
|
LTS-3403LP LTS3403LP |
The LTS-3403LP is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3403LP is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY
|
LITEON[Lite-On Technology Corporation] LITE-ON Electronics 光宝科技股份有限公司
|
LTS-3406LP LTS3406LP |
The LTS-3406LP is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3406LP is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY
|
LITEON[Lite-On Technology Corporation] LITE-ON Electronics 光宝科技股份有限公司
|