PART |
Description |
Maker |
AM29SL800B AM29SL800BB170EC AM29SL800BB170ECB AM29 |
High Speed CMOS Logic Octal Inverting Bus Transceiver with 3-State Outputs 20-CDIP -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-CDIP -55 to 125 High Speed CMOS Logic Quad 2-Input EXCLUSIVE OR Gates 14-CDIP -55 to 125 4-Bit Magnitude Comparator 16-CDIP -55 to 125 High Speed CMOS Logic Dual Positive-Edge Trigger D Flip-Flops with Set and Reset 14-CDIP -55 to 125 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 200 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 170 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 200 ns, PDSO48
|
Advanced Micro Devices, Inc.
|
BS62LV4006 BS62LV4006EC-70 BS62LV4006PC BS62LV4006 |
Very Low Power/Voltage CMOS SRAM 512K X 8 bit Very Low Power/Voltage CMOS SRAM 512K X 8 bit 非常低功电压CMOS SRAM的为512k × 8 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) Asynchronous 4M(512Kx8) bits Static RAM
|
BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor] Brilliance Semiconducto...
|
BS62LV1605FI BS62LV1605FC BS62LV1605EIP70 BS62LV16 |
From old datasheet system Asynchronous 16M(2Mx8) bits Static RAM Very Low Power/Voltage CMOS SRAM 2M X 8 bit 非常低功电压CMOS SRAM2米x 8 Very Low Power/Voltage CMOS SRAM 2M X 8 bit 非常低功电压CMOS SRAM米x 8 LM5080 Modular Current Sharing Controller; Package: MINI SOIC; No of Pins: 8 非常低功电压CMOS SRAM米x 8
|
BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC.
|
MC74LCX16240DTR2 MC74LCX16244DTG MC74LCX16244DTR2 |
Low?Voltage CMOS 16?Bit Buffer With 5 V?Tolerant Inputs and Outputs (3?State, Inverting) Low?Voltage CMOS 16?Bit Buffer With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low?Voltage CMOS 16?Bit Transceiver With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low?Voltage CMOS 16?Bit Transparent Latch With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low−Voltage CMOS 16−Bit D−Type Flip−Flop With 5 V−Tolerant Inputs and Outputs (3−State, Non−Inverting) Low?Voltage CMOS 16?Bit D?Type Flip?Flop With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting)
|
ONSEMI[ON Semiconductor]
|
BS616LV8017 BS616LV8017FIP70 BS616LV8017EC BS616LV |
Very Low Power/Voltage CMOS SRAM 512K X 16 bit Asynchronous 8M(512Kx16) bits Static RAM Very Low Power/Voltage CMOS SRAM 512K X 16 bit 非常低功电压CMOS SRAM的为512k × 16
|
Brilliance Semiconducto... BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC.
|
NCP553SQ27T1 NCP552 NCP553SQ15T1G NCP553SQ28T1 NCP |
80 mA CMOS Low Iq NOCAP™ Voltage Regulator 80 mA CMOS Low Iq NOCAP Voltage Regulator(80mA CMOS,低IqB>NOCAP稳压 80 mA CMOS Low Iq NOCAP Voltage Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 1.8 V DROPOUT, PDSO4
|
http:// ONSEMI[ON Semiconductor]
|
A62S7316 A62S7316G-55S A62S7316G-55SI A62S7316G-70 |
128K X 16 BIT LOW VOLTAGE CMOS SRAM 2.7 V to 5.5 V, 140 µA, Rail-to-Rail Voltage Output 12-Bit DAC in SOT-23 and MicroSOIC Packages; Package: MSOP; No of Pins: 8; Temperature Range: Industrial
|
http:// AMICC[AMIC Technology] AMIC Technology Corporation
|
AM29SL800DB90EC AM29SL800DB90ED AM29SL800DT90EC AM |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
|
AMD[Advanced Micro Devices]
|
FMP1617CA7-FXXX FMP1617CA7-G60E FMP1617CA7-G70E FM |
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
|
FIDELIX
|
FMP1617CCX |
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
|
FIDELIX
|
FMP1617DCX |
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
|
FIDELIX
|