PART |
Description |
Maker |
PMP5501G PMP5501V PMP5501Y PMP5501Y135 PMP5501G115 |
PNP/PNP matched double transistors; Package: SOT363 (SC-88); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR PNP/PNP matched double transistors; Package: SOT353 (UMT5); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
DDTA114TUA DDTA114TUA-7 DDTA125TUA DDTA125TUA-7 DD |
PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. Diodes Incorporated
|
BCF29 BCF30 |
CONNECTOR 100 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP general purpose transistors
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
DDTA114GUA-7 DDTA115GUA-7 |
TRANS PREBIASED PNP 200MW SOT323 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc.
|
BC857W BC857BW BC857CW BC858W BC858W/T3 BC856AW |
100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC, SC-70, 3 PIN PNP general purpose transistors
|
NXP Semiconductors N.V.
|
MMBT1010LT1 MSD1010T1 |
PNP GENERAL PURPOSE DRIVER TRANSISTORS SURFACE MOUNT 100 mA, 15 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Leshan Radio Company, Ltd. MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
MMST7157T146 MMST7157T147 MMST918ST147 BC858BT117 |
200 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR 100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
|
2SB774 2SB0774 |
Silicon PNP epitaxial planer type(For low-frequency amplification) 100 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
2N2904 JANTX2N2905A JAN2N2904 JAN2N2905 2N2904A 2N |
600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39 PNP Transistor PNP SWITCHING SILICON TRANSISTOR 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-5 3 Pin 1.5A Fixed 12V Positive Voltage Regulator 3-TO-220 0 to 125 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-5 600 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-205AD
|
MICROSEMI CORP-LAWRENCE http:// MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
UNR9113J UNR9111J UNR911AJ UNR911DJ UN911EJ UNR911 |
Silicon PNP epitaxial planar type 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR Composite Device - Transistors with built-in Resistor
|
Panasonic, Corp.
|
MMSTA92-7-F |
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR 100 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc.
|
BC308ATF BC308TA |
PNP Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Tape & Reel 100 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Ammo 100 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
|