PART |
Description |
Maker |
VKO55-14IO7 VKO55-16IO7 VKO55-12IO7 VGO55-08IO7 VG |
Single Phase Rectifier Bridge 41 A, 1600 V, SCR Single Phase Rectifier Bridge 41 A, 1400 V, SCR Single Phase Rectifier Bridge 41 A, 1200 V, SCR Single Phase Rectifier Bridge 41 A, 800 V, SCR Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges
|
IXYS, Corp. IXYS[IXYS Corporation]
|
VHF125 VHF125-12IO7 VHF125-14IO7 VHF125-16IO7 VHF8 |
Half Controlled Single Phase Rectifier Bridge, B2HKF 58 A, 1200 V, SCR Half Controlled Single Phase Rectifier Bridge with Freewheeling Diode(VRRM200-1600V的半桥控制单相位整流带自由滑动的二极管)) Half Controlled Single Phase Rectifier Bridge/ B2HKF Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges
|
IXYS, Corp. IXYS[IXYS Corporation]
|
VHF15-16IO5 VHF15-08IO5 VHF15-12IO5 VHF15-14IO5 VH |
Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges From old datasheet system Half Controlled Single Phase Rectifier Bridge(VRRM00-1600V的半桥控制单相位整流 Insulation Displacement (IDC) Connector; No. of Contacts:60; Contact Termination:IDC; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Pitch Spacing:0.05" RoHS Compliant: Yes 15 A, 800 V, SCR Half Controlled Single Phase Rectifier Bridge 15 A, 1200 V, SCR
|
IXYS[IXYS Corporation] IXYS, Corp.
|
VBO20-08NO2 VBO20-12AO2 VBO20-12NO2 VBO20-14AO2 VB |
Single Phase Rectifier Bridge - Standard and Avalanche Types 31 A, 1600 V, SILICON, BRIDGE RECTIFIER DIODE Single Phase Rectifier Bridge - Standard and Avalanche Types 31 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges
|
IXYS, Corp. IXYS[IXYS Corporation]
|
PSB71F-06 PSB71F04 PSB71F06 |
Single Phase Rectifier Bridge Single Phase Rectifier Bridge with fast Recovery Epitaxial Diode (FRED)
|
Powersem GmbH
|
FBO16-12N |
Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges Single Phase Rectifier Bridge in ISOPLUS i4-PAC
|
IXYS[IXYS Corporation]
|
VBE100-06NO7 |
Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges with Fast Recovery Diodes Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED) 100 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE
|
IXYS[IXYS Corporation] IXYS, Corp.
|
PSD16208 PSD16214 PSD16216 PSD16218 |
800 V three phase rectifier bridge 1400 V three phase rectifier bridge 1600 V three phase rectifier bridge 1800 V three phase rectifier bridge
|
POWERSEM
|
BR86DL BR88DL BR805DL BR810DL BR81DL BR82DL BR84DL |
2.0A, 1000V ultra fast recovery rectifier 2 Amp Single Phase Bridge Rectifier 50 to 1000 Volts 2 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE
|
MCC[Micro Commercial Components] Micro Commercial Components, Corp.
|
VHF25-08IO7 VHF25-06IO7 VHF25-12IO7 |
Single Phase Rectifier Bridge Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges
|
IXYS Corporation
|
RS603M RS606M RS605M RS604M RS601M RS602M RS607M R |
6 Amp Single Phase Bridge Rectifier 50 to 1000 Volts SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes)
|
Micro Commercial Components RECTRON[Rectron Semiconductor]
|