PART |
Description |
Maker |
2FAJ-M16R |
Integrated Passive & Active Device using MLP
|
Bourns Inc. BOURNS[Bourns Electronic Solutions] Bourns, Inc.
|
2FAF-C10R |
Integrated Passive & Active Device 4 FUNCTIONS, DATA LINE FILTER
|
Bourns, Inc.
|
MCRF450 MCRF452 MCRF452/0M MCRF455 |
The MCRF45x family is a contactless read/write passive Radio Frequency Identification (RFID) IC device that is optimized for 13.56 MHz RF carrier signal. The device needs an external LC resonant circuit to communicate with interrogator wir The MCRF45x family is a contactless read/write passive Radio Frequency Identification (RFID) IC device that is optimized for 13.56 ...
|
Microchip
|
PEMI1QFN-CM PEMI1QFN-HM PEMI1QFN-LM PEMI1QFN-RM PE |
Integrated 1-, 2-, 4-, 6- and 8-channel passive filter networkwith ESD protection Integrated 1-, 2-, 4-, 6- and 8-channel passive filter network with ESD protection
|
NXP Semiconductors N.V.
|
MCRF355 MCRF360 |
The MCRF355 is a uniquely designed read-only passive Radio Frequency Identification (RFID) IC device with advanced anticollision features optimized at 13.56 MHz. The device is powered remotely by rectifying RF magnetic fields that are tran The MCRF360 is a uniquely designed read-only passive Radio Frequency Identification (RFID) IC device with advanced anticollision features operating at 13.56 MHz. The device is powered remotely by rectifying RF magnetic fields that are tran
|
Microchip
|
MCP450 MCP450P MCP450S MCP450SB MCP450SN MCP450W M |
13.56 MHz Read/Write Passive RFID Device
|
MICROCHIP[Microchip Technology]
|
2FAG-M12R |
Integrated Passive & Active Devices
|
BOURNS[Bourns Electronic Solutions]
|
TCP-3068N TCP-3068N-QT TCP-3068N-DT |
6.8 pF Passive Tunable Integrated Circuits
|
ON Semiconductor
|
3600BP15M600 2500BP15M400 2450BP15F0100 0869LD14D1 |
Integrated Passive Component Packaging
|
Johanson Technology Inc. Johanson Technology Inc...
|
TCP-3112H TCP-3112H-DT |
Passive Tunable Integrated Circuits
|
ON Semiconductor
|
TCP-3118H-DT |
Passive Tunable Integrated Circuits
|
ON Semiconductor
|
TCP-3012H |
1.2 pF Passive Tunable Integrated Circuits (PTIC)
|
ON Semiconductor
|