PART |
Description |
Maker |
MP4015 |
Power Transistor Module Silicon NPN Triple Diffused Type (Darlington power transistor 4 in 1) High Power Switching Applications. Hammer Drive, Pulse Motor Drive. Inductive Load Switching. TOSHIBA Power Transistor Module
|
TOSHIBA[Toshiba Semiconductor]
|
1DI300MN-050 |
TRANSISTOR | BJT POWER MODULE | DARLINGTON | 600V V(BR)CEO | 300A I(C) Power Transistor Module
|
Fuji Electric
|
1DI300M-050 |
TRANSISTOR | BJT POWER MODULE | DARLINGTON | 450V V(BR)CEO | 300A I(C) Power Transistor Module
|
Fuji Electric
|
MP4305 |
Power Transistor Module Silicon PNP Epitaxial Type (Darlington power transistor 4 in 1) High Power Switching Applications. Hammer Drive, Pulse Motor Drive and Inductive Load Switching. TOSHIBA Power Transistor Module Silicon PNP Epitaxial Type (Darlington power transistor 4 in 1)
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation
|
2SB1370 2SB1565 2SB1565F 2SB1655 |
Power Transistor (-60V/ -3A) Power Transistor (-60V, -3A) Power Transistor (-60V -3A) Power Transistor(-60V, -3A) 3-Pin, Ultra-Low-Voltage, Low-Power µP Reset Circuits
|
ROHM[Rohm]
|
BUT30V03 BUT32V03 WM872104 BUT30V_03 BUT30V |
NPN TRANSISTOR POWER MODULE Internet Audio DAC with Integrated Headphone Driver NPN TRANSISTOR POWER MODULE
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] WOLFSON
|
2SB1578 2SB1578GB2 2SB1578GB1 2SB1578-GB3 |
5 A, 60 V, PNP, Si, POWER TRANSISTOR 3-Pin, Ultra-Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|进步党| 60V的五(巴西)总裁| 5A条一(c)|43VAR TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 5A I(C) | TO-243VAR 晶体管|晶体管|进步党| 60V的五(巴西)总裁| 5A条一(c)|43VAR PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING Low freq. power amp., medium-speed switching transistor
|
NEC, Corp. Panasonic Semiconductor
|
2SD2425 2SD2425AB3 |
TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 5A I(C) | TO-243VAR NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING Low freq. power amp., medium-speed switching transistor
|
NEC Corp. NEC Electronics NEC[NEC]
|
X9315 X9315WSZ-2.7 X9315TM X9315TM-2.7 X9315TMI X9 |
:SEMITOP 3; Centres, fixing:52.5mm; Current, Ic av:40A; Current, Ic continuous b max:32A; RoHS Compliant: Yes max:2.1V; Case style:SEMITOP 4; Current, Icm pulsed:100A; Temperature, Tj RoHS Compliant: Yes THYRISTOR MODULE, 3 PHASETHYRISTOR MODULE, 3 PHASE; Voltage, Vrrm:1600V; Case style:SEMITOP 3; Current, It rms:68A; Current, Itsm:450A; Voltage, Vgt :SEMITOP-4; Voltage, Vceo:1200V; Voltage, Vce sat max:2.15V; Current, Ic continuous a continuous a max:17A; Voltage, Vce sat max:2.5V; Case style:SEMITOP 3; Current, Icm RoHS Compliant: Yes IGBT MODULE, H BRIDGE 1200VIGBT MODULE, H BRIDGE 1200V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:1200V; Voltage, Vce sat max:3.2V IGBT MODULE, DUAL 600V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:600V; Voltage, Vce sat max:2V; Current, Ic continuous a max:54A IGBT MODULE, CHOPPER 1200VIGBT MODULE, CHOPPER 1200V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:1200V; Voltage, Vce sat max:3V IGBT MODULE 6 PACK 114A 1200V TRENCHIGBT MODULE 6 PACK 114A 1200V TRENCH; Transistor type:3-phase bridge inverter; Case style:SEMITOP-4; Voltage :SEMITOP 2; Centres, fixing:38mm; Current, Ic av:23A; Current, Ic continuous b max:15A; RoHS Compliant: Yes IGBT MODULE, 6 PACK 1200VIGBT MODULE, 6 PACK 1200V; Transistor type:IGBT; Case style:SEMITOP 3; Voltage, Vceo:1200V; Voltage, Vce sat max:2.1V IGBT MODULE, DUAL 1200VIGBT MODULE, DUAL 1200V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:1200V; Voltage, Vce sat max:3V; Current, Ic MOSFET MODULE, 6 PACK 75VMOSFET MODULE, 6 PACK 75V; Transistor type:MOSFET; Transistor polarity:N; Voltage, Vds max:100V; Case style:SEMITOP 2 RECTIFIER SCHOTTKY SINGLE 1A 70V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/AMMO DIODE SCHOTTKY SINGLE 10V 150mW 0.37V-vf 30mA-IFM 1mA-IF 1uA-IR SOT-523 3K/REEL IGBT MODULE, DUAL 600V; Transistor type:IGBT; Case style:SEMITOP 1; Voltage, Vceo:600V; Voltage, Vce sat max:2V; Current, Ic continuous a max:30A; Current, Icm pulsed:24A; Power, Pd:1400W; Time, rise:35ns; Centres, fixing:28.5mm; Low Noise, Low Power, 32 Taps 10K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDIP8 IGBT MODULE 6 PACK 96A 600V TRENCHIGBT MODULE 6 PACK 96A 600V TRENCH; Transistor type:3-phase bridge inverter; Case style:SEMITOP-4; Current, Ic continuous a max:100A IGBT MODULE, 6 PACK 1200VIGBT MODULE, 6 PACK 1200V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:1200V; Voltage, Vce sat max:2.1V; Current, Ic continuous a max:22A; Current, Icm pulsed:44A; Power, Pd:1600W; Time,
|
http:// INTERSIL[Intersil Corporation] Intersil, Corp.
|
MP4303 |
Power Transistor Module Silicon NPN Epitaxial Type (Darlington power transistor 4 in 1) High Power Switching Applications. Hammer Drive, Pulse Motor Drive and Inductive Load Switching.
|
TOSHIBA
|
2SC1741AS 2SD1484 2SD1484K A5800323 2SC3359S 2SC33 |
50V,0.5A medium power transistor Transistors > Small Signal Bipolar Transistors(up to 0.6W) Medium Power Transistor (50V, 0.5A) From old datasheet system Medium Power Transistor (50V/ 0.5A) SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 300MA I(C) | SPAK TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 500MA I(C) | SPAK SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 50V五(巴西)总裁| 500mA的一(c)| SPAK
|
Rohm
|
|