PART |
Description |
Maker |
REC3-123.3SRW_H4 REC3-123.3SRW_H6 REC3-123.3SRWH4 |
3 Watt DIP24 / SMD Single & Dual Output 3瓦特DIP24 /贴片 Replaced by UCC3817 : High Efficiency, High Power Factor Preregulator 16-SOIC 0 to 70 Single Output LDO, 3.0A, Fixed(5.0V), Reverse Current Protection, Thermal Shutdown 3-DDPAK/TO-263 0 to 70 BiCMOS Power Factor Preregualtor 16-TSSOP 0 to 70 Single Output LDO, 3.0A, Adj.(1.22 to 8.5V), Reverse Current Protection, Thermal Shutdown 5-DDPAK/TO-263 0 to 70 Single Output LDO, 500mA, Adj.(15 to 1.25V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 Single Output LDO, 500mA, Fixed(5V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 3 Watt DIP24 / SMD Single & Dual Output
|
Electronic Theatre Controls, Inc. RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
SST89C54-33-AC-NJ SST89C58-33-AC-NJ SST89C54-33-AI |
Voltage Regulator IC; Output Current:150mA; Output Voltage:3.3V; Package/Case:5-SOT-23; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:3.3V Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:5V; Peak Reflow Compatible (260 C):No Replaced by PT78ST133 : 3.3Vout 1.5A Wide Input Positive Step-Down ISR 3-SIP MODULE -40 to 85 Voltage Regulator IC; Output Current:150mA; Output Voltage:2.6V; Package/Case:5-SOT-23; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:2.6V Linear Voltage Regulator IC; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:5V; Peak Reflow Compatible (260 C):No; Reel Quantity:3000; Voltage Regulator Type:Low Dropout (LDO) RoHS Compliant: No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:2.85V; Peak Reflow Compatible (260 C):No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:3V; Peak Reflow Compatible (260 C):No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:1.8V; Peak Reflow Compatible (260 C):No Voltage Regulator IC; Output Current:500mA; Output Voltage:1.215V; Package/Case:8-MLP33; Supply Voltage Max:6V; Current Rating:500mA; Leaded Process Compatible:No; Output Current Max:500mA; Output Voltage Max:1.215V FlashFlex51 MCU FlashFlex51单片
|
Silicon Storage Technology, Inc. SILICON STORAGE TECHNOLOGY INC
|
XC6214P302JL XC6214P302JR XC6214P302ML XC6214P302M |
500mA Output Current, High Speed LDO Regulators, Thermal Shutdown Function, Ceramic Capacitor Compatible
|
Torex Semiconductor
|
RT9186AGF |
2.5V to 5.5V Wide Input Range, Guaranteed 500mA Output Current
|
Richtek Technology Corporation
|
TC1268 TC1268-2.5VOA TC1268-2.5VOATR |
The TC1268 is a fixed output, fast turn-on, high accuracy (typically ±0.5%) CMOS low dropout regulator. Designed specifically ... 500mA Fixed Output / Fast Response CMOS LDO with Shutdown 500mA Fixed Output, Fast Response CMOS LDO with Shutdown
|
Microchip Technology Inc.
|
KLS06WXX4 |
Cosmo’s high power LED packages can handle up to 350-500mA DC current
|
COSMO Electronics Corp...
|
KLS00WWX1 |
Cosmo’s high power LED packages can handle up to 350-500mA DC current
|
COSMO Electronics Corporat...
|
AN79M52F AN79M00 AN79M00F AN79M05 AN79M05F AN79M06 |
3-pin Negative Output Voltage Regulators 500mA Type 7 V FIXED NEGATIVE REGULATOR, PSFM3 3-pin Negative Output Voltage Regulators 500mA Type 8 V FIXED NEGATIVE REGULATOR, PSFM3 MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-55V; Continuous Drain Current, Id:60A; On-Resistance, Rds(on):0.0175ohm; Rds(on) Test Voltage, Vgs:-10V; Package/Case:5-D2-PAK; Leaded Process Compatible:No RoHS Compliant: No
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
BU1ATH5WNVX-1TL |
High Ripple Rejection, Low Current Consumption, Versatile Package FULL CMOS LDO Regulator (500mA)
|
ROHM
|
BDP948 BDP950 Q62702-D1338 Q62702-D1336 |
From old datasheet system PNP Silicon AF Power Transistor (For AF drivers and output stages High collector current High current gain)
|
Siemens Semiconductor G... SIEMENS AG SIEMENS[Siemens Semiconductor Group] SIEMENS A G
|
BDP954 Q62702-D1340 BDP952 BDP956 Q62702-D1344 Q62 |
PNP Silicon AF Power Transistor (For AF drivers and output stages High collector current High current gain) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
LTV-352T |
High current transfer ratio, High input-output isolation voltage 1 CHANNEL DARLINGTON OUTPUT OPTOCOUPLER
|
Lite-On Technology, Corp. Lite-On Technology Corporation
|