PART |
Description |
Maker |
Y0024120K500A Y0024120K500B Y0024120K500C Y0024120 |
Hermetically Sealed High Precision Bulk Metal㈢ Foil Technology Resistors with TCR of 【 2 ppm/∑C, Tolerance of 【 0.001 % and Hermetically Sealed High Precision Bulk Metal? Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Hermetically Sealed High Precision Bulk Metal庐 Foil Technology Resistors with TCR of 卤 2 ppm/掳C, Tolerance of 卤 0.001 % and Hermetically Sealed High Precision Bulk Metal垄莽 Foil Technology Resistors with TCR of 隆戮 2 ppm/隆?C, Tolerance of 隆戮 0.001 % and Hermetically Sealed High Precision Bulk Metal? Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and
|
Vishay Siliconix
|
UHPL-2 UHPL-210125K |
Precision Foil Resistors
|
Riedon Powertron
|
USR2-1410 |
Precision Foil Resistors
|
Riedon Powertron
|
UNR2-0710 |
Precision Foil Resistors
|
Riedon Powertron
|
RUG-Z |
HIGH PRECISION METAL FOIL RESISTORS
|
List of Unclassifed Manufac...
|
VCS1610 |
High Precision Foil Surface Mount Current Sensing Chip Resistors with TCR of ± 2 ppm/°C, High Precision Foil Surface Mount Current Sensing Chip Resistors with TCR of 卤 2 ppm/掳C, High Precision Foil Surface Mount Current Sensing Chip Resistors with TCR of 【 2 ppm/∑C,
|
Vishay Siliconix
|
Y14880R12400B0R Y14880R12400C0R Y14880R12400C9W Y1 |
Vishay Foil Resistors Bulk Metal? Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor with Resistance Value from 1 mΩ, Rated Power up to 3 W and TCR to 0 ± 15 ppm/°C Maximum
|
Vishay Siliconix
|
PMA0207 |
Metal Film Resistors, Precision, High Stability 金属膜电阻器,高精度,高稳定 Metal Film Resistors, Precision, High Stability, Special stabilized metal alloy on high quality ceramic, Suitable for precision measuring techniques and precision control engineering
|
VISAY[Vishay Siliconix]
|
1202PB500R00JB 1202PB500R00KB 1202PB500R00MB 1202Y |
Bulk Metal? Foil Technology Precision Trimming Potentiometers, 1 1/4 Inch Rectilinear, RJ12 Style, Bulk Metal庐 Foil Technology Precision Trimming Potentiometers, 1 1/4 Inch Rectilinear, RJ12 Style, Bulk Metal垄莽 Foil Technology Precision Trimming Potentiometers, 1 1/4 Inch Rectilinear, RJ12 Style, Bulk Metal㈢ Foil Technology Precision Trimming Potentiometers, 1 1/4 Inch Rectilinear, RJ12 Style,
|
Vishay Siliconix
|
1240P500R00JKB 1240W500R00JKB 1240X500R00JKB 1240W |
Bulk Metal? Foil Technology Precision Trimming Potentiometers, 1/4 Inch Square, RJ26 Style, Designed to Bulk Metal庐 Foil Technology Precision Trimming Potentiometers, 1/4 Inch Square, RJ26 Style, Designed to Bulk Metal垄莽 Foil Technology Precision Trimming Potentiometers, 1/4 Inch Square, RJ26 Style, Designed to Bulk Metal㈢ Foil Technology Precision Trimming Potentiometers, 1/4 Inch Square, RJ26 Style, Designed to
|
Vishay Siliconix
|
NCLS10-R021TRF NCLS10-R011TRF NCLS10-R013TRF NCLS1 |
Metal Foil Current Sensing Chip Resistors
|
NIC-Components Corp.
|
|