PART |
Description |
Maker |
SAA6588_2 SAA6588/V2 SAA6588T/V2 |
SAA6588; RDS/RBDS pre-processor From old datasheet system
|
Philips
|
LC72725KM LC72725KV |
CMOS IC RDS(RBDS) Demodulation IC CMOS集成电路的RDS(RBDS)的解调芯片
|
http:// Sanyo Semicon Device Sanyo Electric Co.,Ltd. Sanyo Electric Co., Ltd.
|
LC72725KMA |
RDS(RBDS) Demodulation IC
|
Sanyo Semicon Device
|
SAA6581HN/V1 SAA6581T/V1 SAA6581HN |
SAA6581; RDS/RBDS demodulator
|
NXP Semiconductors Philips
|
STK311-050 |
RDS/RBDS Demodulator Synchronization and Error Correction
|
Sanyo Semicon Device
|
BU2661FV |
Low-Voltage RDS / RBDS Decoder(低压RDS / RBDS解码
|
Rohm CO.,LTD.
|
BUV94 BUV95 BDY46 |
RDS/RBDS processor Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:660Vrms; Voltage Rating DC, Vdc:850VDC; Peak Surge Current (8/20uS), Itm:6500A; Clamping Voltage 8/20us Max :1650V; Peak Energy (10/1000uS):250J; Capacitance, Cd:400pF
|
|
S6968-01 |
MOSFET, Switching; VDSS (V): 60; ID (A): 2; Pch : 0.8; RDS (ON) typ. (ohm) @10V: -; RDS (ON) typ. (ohm) @4V[4.5V]: [0.111]; RDS (ON) typ. (ohm) @2.5V: 0.129; Ciss (pF) typ: 320; toff (µs) typ: 0.0397; Package: MPAK
|
Hamamatsu Photonics
|
SDN520C |
N-Ch: 4.5 A, 20 V, RDS(ON) 58 m P-Ch: -4.5 A, -20 V, RDS(ON) 112 m N & P-Channel Enhancement Mode MOSFET
|
SeCoS Halbleitertechnologie GmbH
|
S5573 |
MOSFET, Switching; VDSS (V): 600; ID (A): 30; Pch : 200; RDS (ON) typ. (ohm) @10V: 0.2; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V
|
Hamamatsu Photonics
|
KDS8958 |
N-Channel 7.0 A, 30 V RDS(ON) = 0.028 RDS(ON) = 0.040 Fast switching speed Dual N & P-Channel PowerTrench MOSFET
|
TY Semiconductor Co., L... TY Semicondutor
|
IRF1405LPBF |
AUTOMOTIVE MOSFET ( VDSS = 55V , RDS(on) = 5.3m, ID = 131A ) 汽车MOSFET的(减振钢板基本\u003d 55V的,RDS(on)\u003d 5.3米ヘ,身份证\u003d 131A章)
|
International Rectifier, Corp.
|