PART |
Description |
Maker |
STM32F429NI STM32F429NIH6 STM32F429NEH6 STM32F429N |
High-performance and DSP with FPU, ARM Cortex-M4 MCU with 2 Mbytes Flash, 180 MHz CPU, Art Accelerator, SDRAM, TFT High-performance and DSP with FPU, ARM Cortex-M4 MCU with 512 Kbytes Flash, 180 MHz CPU, Art Accelerator, SDRAM High-performance and DSP with FPU, ARM Cortex-M4 MCU with 1 Mbyte Flash, 180 MHz CPU, Art Accelerator, SRAM, TFT High-performance and DSP with FPU, ARM Cortex-M4 MCU with 512 Kbytes Flash, 180 MHz CPU, Art Accelerateur, SDRAM High-performance and DSP with FPU, ARM Cortex-M4 MCU with 1 Mbyte Flash, 180 MHz CPU, Art Accelerator, SDRAM, TFT High-performance and DSP with FPU, ARM Cortex-M4 MCU with 1 Mbyte Flash, 180 MHz CPU, Art Accelerator, TFT
|
ST Microelectronics
|
STM32F417ZG STM32F417IG STM32F415RG STM32F415XX ST |
High-performance and DSP with FPU, ARM Cortex-M4 MCU with 1 Mbyte Flash, 168 MHz CPU, Art Accelerator, HW crypto ARM Cortex-M4 32b MCU FPU, 210DMIPS, up to 1MB Flash/192 4KB RAM
|
ST Microelectronics STMicroelectronics
|
STM32F407IE STM32F407ZE STM32F407IGH6 STM32F405ZG |
ARM Cortex-M4 32b MCU FPU, 210DMIPS, up to 1MB Flash/192 4KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera High-performance and DSP with FPU, ARM Cortex-M4 MCU with 1 Mbyte Flash, 168 MHz CPU, Art Accelerator
|
STMicroelectronics ST Microelectronics
|
ADSP-2186LBST-133 ADSP-2186LKST-133 ADSP-2186LBST- |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection DSP Microcomputer 24-BIT, 16.67 MHz, OTHER DSP, PQFP100 DSP Microcomputer 24-BIT, 20 MHz, OTHER DSP, PQFP100
|
Analog Devices, Inc.
|
STM32F334K6T6 |
Analog and DSP with FPU ARM Cortex-M4 MCU with 32-Kbytes Flash, 72 MHz CPU, CCM, 12-bit ADC 5 MSPS, comparators, op-amp, hr timer
|
ST Microelectronics
|
ADSP-21369BBP-2A ADSP-21368BBP-2A ADSP-21367KBP-2A |
SHARC Processors 32-BIT, 55.56 MHz, OTHER DSP, PBGA256 32-BIT, 66.67 MHz, OTHER DSP, PBGA256 MO-192BAL-2, BGA-256 High-Performance 32-bit Floating-Point SHARC Processor for General Purpose Applications; Package: 208 Ld LQFP(28x28 w_8.9mm_heatsink); No of Pins: 208; Temperature Range: Comm. 32-BIT, 44.44 MHz, OTHER DSP, PQFP208 32-BIT, 55.56 MHz, OTHER DSP, PQFP208 32-BIT, 61.012 MHz, OTHER DSP, PQFP208
|
Analog Devices, Inc. ANALOG DEVICES INC
|
ADSP-21060KB-160 ADSP-21060LKS-160 ADSP-21060KS-16 |
RES, 2.2 K SM CHIP 5% 50V 1/16 WATT, 0603 48-BIT, 40 MHz, OTHER DSP, PBGA225 ADSP-2106x SHARC DSP Microcomputer Family 48-BIT, 40 MHz, OTHER DSP, PBGA225
|
Analog Devices, Inc.
|
GC5057 GA3225 GB3215 GB3225 GC5051 |
PARAGON?DIGITAL Four Channel DSP System with FRONTWAVE PARAGON⑩ DIGITAL Four Channel DSP System with FRONTWAVE PARAGON?/a> DIGITAL Four Channel DSP System with FRONTWAVE PARAGON DIGITAL Four Channel DSP System with FRONTWAVE
|
GENNUM[Gennum Corporation]
|
ADSP-2189NBSTZ-320 ANALOGDEVICESINC-ADSP-2184NKSTZ |
DSP Microcomputer 24-BIT, 40 MHz, OTHER DSP, PBGA144 16-Bit, 80MIPS, 1.8V, 2 Serial Ports, Host Port, 192KB RAM; Package: 100 ld LQFP; No of Pins: 100; Temperature Range: Ind 24-BIT, 40 MHz, OTHER DSP, PQFP100
|
ANALOG DEVICES INC Analog Devices, Inc.
|
ADSP-21992 ADSP-21992YST ADSP-21992YBC |
Mixed-Signal DSP Controller with CAN 16-BIT, 150 MHz, OTHER DSP, PBGA196
|
Analog Devices, Inc.
|
ADSP-21060C ADSP-21060LC |
DSP Microcomputer(DSP 微计算机) 微机DSP(数字信号处理器微计算机
|
Analog Devices, Inc.
|
ADSP-2186BST-133 ADSP-2186KST-133 ADSP-2186BCA-160 |
DSP Microcomputer 24-BIT, 16.67 MHz, OTHER DSP, PQFP100
|
Analog Devices, Inc.
|
|