PART |
Description |
Maker |
R1EX24016ATA00I |
Two-wire serial interface 16k EEPROM (2-kword 】 8-bit)
|
Renesas Electronics Corporation
|
R1EX24016ATA00A |
Two-wire serial interface 16k EEPROM (2-kword 】 8-bit)
|
Renesas Electronics Corporation
|
R1EX24016ASA00A R1EX24016ATA00A |
Two-wire serial interface 16k EEPROM (2-kword 隆驴 8-bit) Two-wire serial interface 16k EEPROM (2-kword × 8-bit)
|
Renesas Electronics Corporation
|
R1EX24016ASAS0A R1EX24016ATAS0A |
Two-wire serial interface 16k EEPROM (2-kword 】 8-bit)
|
Renesas Electronics Corporation
|
CAT24AC128J-1.8 CAT24AC128JI-1.8 CAT24AC128J-1.8TE |
16K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 0.150 INCH, MS-012, SOIC-8 16K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 TSSOP-14 16K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 0.210 INCH, LEAD AND HALOGEN FREE, EIAJ, SOIC-8 16K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 0.150 INCH, LEAD AND HALOGEN FREE, MS-012, SOIC-8 16K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8
|
NXP Semiconductors N.V.
|
25LC160-I_P 25LC160-I_SN 25LC160T-I_P 25LC160T-I_S |
16K SPI Bus Serial EEPROM The 25AA160 is a 16K-bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) ... The 25C160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) ... The 25LC160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) ...
|
MICROCHIP[Microchip Technology]
|
LE24C162M |
Two Wire Serial Interface EEPROM (16k EEPROM)
|
Sanyo Semicon Device
|
IS24C02A-2ZI IS24C04A-2PI |
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8
|
Integrated Silicon Solution, Inc.
|
AT24C164-W1.8-11 AT24C164-W2.7-11 AT24C164-10SU-1. |
Two-Wire Serial EEPROM 16K (2048 x 8) 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8
|
Atmel Corp. PROM Atmel, Corp.
|
IS24C128A-3PLA3 |
128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM 16K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8
|
Integrated Silicon Solution, Inc.
|
93LC76 93LC76-IP 93LC76-ISN 93LC76-P 93LC76-SN 93L |
16-Bit Registered Transceivers With 3-State Outputs 56-TSSOP -40 to 85 8K/16K 2.5V的微型导线串行EEPROM 8K/16K 2.5V Microwire Serial EEPROM 8K/16K 2.5V的微型导线串行EEPROM 8K/16K 2.5V Microwire Serial EEPROM
|
Microchip Technology, Inc. MICROCHIP[Microchip Technology]
|