PART |
Description |
Maker |
2114 8661 3582 3585 8551 7309 7308 8655 |
T-1SubminiatureLamps T-1 Subminiature Lamps LED 4HI 3MM LOW CUR RED PC MNT LED 4HI 3MM YEL/GRN/YEL/GRN PCMT
|
GilwayTechnicalLamp International Light Technologies Inc.
|
AS1720 AS1720A AS1720B |
Solenoid / Valve Dr iver wi th Cur rent Limi tat ion
|
austriamicrosystems AG
|
PCA9553D01 PCA9553DP02 PCA9553 PCA9553D PCA9553D02 |
PCA9553; 4-bit I²C LED driver with programmable blink rates 4-bit I2C LED driver with programmable blink rates 4位I2C LED与可编程闪烁率司
|
Philips Semiconductors NXP Semiconductors N.V.
|
ISPLSI2032VE ISPLSI2032VE-110LB49 ISPLSI2032VE-110 |
225 MHz 3.3V in-system prommable superFAST high density PLD 3.3V In-System Programmable High Density SuperFAST?/a> PLD 3.3V In-System Programmable High Density SuperFAST?/a> PLD 3.3V In-System Programmable High Density SuperFAST⑩ PLD 3.3V In-System Programmable High Density SuperFAST PLD IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.3 IC,Normally-Closed Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 EE PLD, 13 ns, PQCC44 3.3V In-System Programmable High Density SuperFASTPLD EE PLD, 13 ns, PQFP44 3.3V In-System Programmable High Density SuperFASTPLD EE PLD, 6 ns, PQCC44 3.3V In-System Programmable High Density SuperFASTPLD 3.3在系统可编程高密度PLD的超快⑩ 3.3VIn-SystemProgrammableHighDensitySuperFASTPLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
AT90LS2343-4PC AT90LS2343-4PI AT90LS2343-4SC AT90L |
8-Bit Microcontroller with 2K Bytes of In-System Programmable Flash LED GREEN DIFFUSED LEVEL METER LED GREEN 7-ELEMENT ARRAY LED AMBER 7-ELEMENT ARRAY -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, PDSO8 LED RED 7-ELEMENT ARRAY 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, PDIP8 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, PDIP8
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
MAX16047ATN MAX16049ATN |
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
|
Maxim Integrated Products
|
MAX1604709 MAX16047ETN |
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
|
Maxim Integrated Products Maxim Integrated Produc...
|
MAX16049ETN MAX16047ETN |
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
|
Maxim Integrated Products
|
MAX16046 |
(MAX16046 / MAX16048) 12-Channel/8-Channel EEPROM-Programmable System Managers
|
Maxim Integrated Products
|
EL5625ILZ-T13 EL5625ILZ EL5625 |
Programmable 18-Channel Gamma with 1-Channel VCOM with Reference
|
INTERSIL[Intersil Corporation]
|
MAX16046A |
12-Channel/8-Channel EEPROM-Programmable System Managers
|
Maxim Integrated Products
|
MC10H131 MC10H131FN MC10H131L MC10H131P ON0753 |
Dual In/Single Out Autoswitching Power MUX, Manual/Auto Sw, Adj. Cur Limit, Adj. Vol Threshold 8-TSSOP -40 to 85 双D型主从触发器 Dual D Type Master-Slave Flip-Flop From old datasheet system
|
Motorola, Inc ONSEMI[ON Semiconductor]
|