PART |
Description |
Maker |
RP60-483.3SE RP60-1205DE RP60-1205SE RP60-1212DE R |
60 Watt Single, Dual & Positive Dual Output D-Subminiature Connector; Gender:Male; No. of Contacts:51; Contact Termination:Solder; D Sub Shell Size:DB51; Body Material:Thermoplastic; Leaded Process Compatible:No; Mounting Type:Jackpost; Peak Reflow Compatible (260 C):No RoHS Compliant: No 60 Watt Single, Dual & Positive Dual Output
|
RECOM Power Inc. RECOM[Recom International Power]
|
RP30-242.5SE RP30-241.8SE RP30-122.5SE RP30-121.8S |
Intelligent Power Modules (IPM) CIPOS™; Package: PG-MSIP-20; 20 Watt Single & Dual Output 20瓦单 20 Watt Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
REC20-1215SRWB REC20-1205SRWB REC20-4815SRWB REC20 |
20 Watt 2 inch x 2 inch Single & Dual Output 20英寸× 2英寸 20 Watt 2 inch x 2 inch Single & Dual Output 202英寸× 2英寸 CAPACITOR, 47UF 16V CAPACITOR, 47UF 16V; CAPACITANCE:47UF; VOLTAGE RATING, DC:16V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:YXF; TEMP, OP. MAX:105(DEGREE C); TEMP, OP. MIN:-40(DEGREE C); TOLERANCE, :20%; TOLERANCE, RoHS Compliant: Yes 20 WATT 2 INCH X 2 INCH SINGLE & DUAL OUTPUT
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
FEC40 FEC40-24T0512 FEC40-48D3305 FEC40-12S05 FEC4 |
OFFER SINGLE,DUAL,DUAL POSITIVE(TOTAL OUTPUT CURRENT 8A)AND TRIPLE OUTPUT 40 WATT DC/DC CONVERTER SINGLE, DUAL & TRIPLE OUTPUTS
|
List of Unclassifed Manufacturers Volgen Kaga Electronics Inc.
|
REC40-2405SRWBH REC40-1205SRWB REC40-1205SRWBH REC |
40 Watt 2??x 2??Single, Dual & Triple Output 40 Watt 2x 2Single, Dual & Triple Output 402“2”单,双 40 Watt 2x 2Single, Dual & Triple Output 40“2”单,双 40 Watt 2x 2Single, Dual & Triple Output 40 Watt 2” x 2” Single, Dual & Triple Output 40 Watt 2?x 2?Single, Dual & Triple Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
RJ-3.31.8DHP RJ-3.33.3SHP RJ-0505D RJ-0505DH RJ-05 |
1 Watt DIP14 Single & Dual Output 1 Watt DIP14 Single & Dual Output 1瓦特DIP14
|
RECOM Power Inc. RECOM[Recom International Power] RECOM Electronic GmbH
|
RP20-1205SF RP20-2412SF RP20-121.8SF RP20-121.5SF |
20 Watt 2inch x 1inch Package Single & Dual Output 202x 1inch包单 20 Watt 2inch x 1inch Package Single & Dual Output 20x 1inch包单 20 Watt 2inch x 1inch Package Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
REC3-123.3SRW REC3-123.3SRW_H1 REC3-123.3SRWZ_H1 R |
8-Pin N-FET Linear Regulator Controller 8-SOIC 0 to 70 3瓦特DIP24 /贴片 3 Watt DIP24 / SMD Single & Dual Output 3瓦特DIP24 /贴片 Single Output LDO, 500mA, Fixed(5V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 Single Output LDO, 500mA, Fixed(12V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 BiCMOS Power Factor Preregualtor 16-SOIC 0 to 70 Single Output LDO, 3.0A, Fixed(3.3V), Reverse Current Protection, Thermal Shutdown 3-DDPAK/TO-263 0 to 70 BiCMOS Advanced Phase Shift PWM Controller 20-TSSOP 0 to 70 3 Watt DIP24 / SMD Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
MHP10-48S05 MHP10-24S3V3 MHP10-12S3V3 |
Single and dual output 10 Watt Wide input DC/DC converters 单和双输10瓦特宽输入DC / DC转换 Single and dual output 10 Watt Wide input DC/DC converters 单和双输0瓦特宽输入DC / DC转换
|
ITT, Corp.
|
TP1124 TP1126 TP1125 TP1122 TP1123 TP1101 TP1102 T |
(TP1101 - TP1108) Single/Dual and Triple Output DC-DC Converters 25 to 30 WATT SINGLE, DUAL and TRIPLE OUTPUT DC-DC CONVERTERS CONNECTOR ACCESSORY 连接器附
|
List of Unclassifed Manufacturers Total Power International ETC[ETC] Electronic Theatre Controls, Inc.
|