PART |
Description |
Maker |
9001-100-1010 9001-100-1025 51-353-003 51-353-076 |
1 FUNCTIONS, 100 V, 0.5 A, DATA LINE FILTER 1 FUNCTIONS, 200 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 50 V, 0.45 A, DATA LINE FILTER 1 FUNCTIONS, 150 V, 1 A, DATA LINE FILTER 1 FUNCTIONS, 50 V, 10 A, DATA LINE FILTER 1 FUNCTIONS, 150 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 200 V, 1 A, DATA LINE FILTER 1 FUNCTIONS, 100 V, 15 A, DATA LINE FILTER 1 FUNCTIONS, 150 V, 4 A, DATA LINE FILTER 1 FUNCTIONS, 300 V, 1 A, DATA LINE FILTER 1 FUNCTIONS, 400 V, 1 A, DATA LINE FILTER 1 FUNCTIONS, 400 V, 3 A, DATA LINE FILTER Hermetically Sealed Threaded Case Filters Hermetically Sealed Threaded Case Filters
|
SPECTRUM CONTROL INC Spectrum Microwave, Inc. Spectrum Microwave, Inc...
|
WPCMV-2M3216-700L WPCML-2M2012-121L WPCMV-2M3216-4 |
2 FUNCTIONS, 16 V, 0.4 A, DATA LINE FILTER 2 FUNCTIONS, 10 V, 0.4 A, DATA LINE FILTER 2 FUNCTIONS, 16 V, 0.25 A, DATA LINE FILTER EIA STD PACKAGE SIZE 3216, 4 PIN
|
Ecliptek, Corp. Epson (China) Co., Ltd.
|
DLT431H DLT431M DLT431F DLT642N DLT431C DUT542K DL |
1 FUNCTIONS, 87 V, 1 A, DATA LINE FILTER 1 FUNCTIONS, 87 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 87 V, 0.45 A, DATA LINE FILTER 1 FUNCTIONS, 87 V, 0.15 A, DATA LINE FILTER 1 FUNCTIONS, 130 V, 3 A, DATA LINE FILTER 1 FUNCTIONS, 260 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 260 V, 10 A, DATA LINE FILTER 1 FUNCTIONS, 260 V, 15 A, DATA LINE FILTER 1 FUNCTIONS, 400 V, 1 A, DATA LINE FILTER 1 FUNCTIONS, 87 V, 15 A, DATA LINE FILTER 1 FUNCTIONS, 87 V, 10 A, DATA LINE FILTER 1 FUNCTIONS, 87 V, 3 A, DATA LINE FILTER 1 FUNCTIONS, 87 V, 0.3 A, DATA LINE FILTER 1 FUNCTIONS, 260 V, 3 A, DATA LINE FILTER 1 FUNCTIONS, 530 V, 3 A, DATA LINE FILTER 1 FUNCTIONS, 530 V, 1 A, DATA LINE FILTER
|
|
CM1690-04DE CM1690-08DE CM1690-06DE |
Praetorian L-C LCD and Camera EMI Filter Array with ESD Protection 6 FUNCTIONS, 0.03 A, DATA LINE FILTER LEAD FREE, UDFN-12 8 FUNCTIONS, 0.03 A, DATA LINE FILTER
|
ON Semiconductor
|
NFM61RH10T102T1 NFM61R30T472T1 FM61R00T330T1 FM61R |
CAP NFM61RH10T102T1 MURATA 1 1 FUNCTIONS, 100 V, 2 A, DATA LINE FILTER COIL, EMI FILTER 4700PF, 50V 2A 1 FUNCTIONS, 50 V, 2 A, DATA LINE FILTER
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
4501-120M 4501R-104M 4501R-118M 4501R-108M 4501-12 |
Surface Mount Low-Profile Power Toroids 2 FUNCTIONS, 2.5 A, DATA LINE FILTER 2 FUNCTIONS, 0.95 A, DATA LINE FILTER
|
API Delevan
|
NUF2900MNT1G NUF2900MN |
Two Line EMI Filter with ESD Protection for High Speed Data Interface 2 FUNCTIONS, DATA LINE FILTER
|
ON Semiconductor
|
ACM1211-701-2PL-TL ACM1211-102-2PL-TL ACM7060-701- |
2 FUNCTIONS, 80 V, 8 A, DATA LINE FILTER ROHS COMPLIANT, SMD, 4 PIN 2 FUNCTIONS, 80 V, 6 A, DATA LINE FILTER ROHS COMPLIANT, SMD, 4 PIN 2 FUNCTIONS, 80 V, 4 A, DATA LINE FILTER 2 FUNCTIONS, 50 V, 4 A, DATA LINE FILTER
|
TDK, Corp.
|
PSM4-471P-20B0 PSM1-680M-10B2 PSM1-471P-20T0 PSM4- |
1 FUNCTIONS, 200 V, 20 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 200 V, 10 A, DATA LINE FILTER 1 FUNCTIONS, 200 V, 20 A, DATA LINE FILTER 1 FUNCTIONS, 200 V, 10 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 100 V, 5 A, DATA LINE FILTER
|
Spectrum Control, Inc. SPECTRUM CONTROL INC
|
IP4251CZ8-4 IP4252CZ8-4 IP4253CZ8-4 IP4254CZ8-4 IP |
Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT984-1 (HXSON12U), Reel Pack, SMD, 13" 6 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 6 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT985-1 (HXSON16U), Reel Pack, SMD, 13" 8 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 8 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT983-1 (HXSON8U), Reel Pack, SMD, 13" 4 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 4 FUNCTIONS, 5.6 V, DATA LINE FILTER
|
NXP Semiconductors N.V.
|
|