PART |
Description |
Maker |
2SA2044 2SC5710 2SA2044FA 2SC5710TP-FA |
Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 9A I(C) | TO-252VAR DC / DC Converter Applications PNP/NPN Epitaxial Planar Silicon Transistors PNP / NPN Epitaxial Planar Silicon Transistors PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications
|
SANYO[Sanyo Semicon Device] Matsshita / Panasonic
|
2SA1766 |
PNP Epitaxial Planar Silicon Transistor High hFE, Low-Frequency General-Purpose Amplifier Applications PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
50N06-TA3-T 50N06-TF3-T 2SA102005 2SA1797-X-AA3-R |
SILICON PNP EPITAXIAL TRANSISTOR 2000 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR SILICON PNP EPITAXIAL TRANSISTOR 进步党硅外延晶体 REVERSIBLE MOTOR DRIVER NPN EPITAXIAL PLANAR TRANSISTOR HIGH CURRENT SWITCHIG APPLICATIONS HIGH CURRENT SWITCHING APPLICATIONS HIGH VOLTAGE NPN TRANSISTOR HIGH VOLTAGE AND HIGH RELIABILITY TRANSISTOR NPN SILICON TRANSISTOR HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING (6V, 50mA) HIGH-FREQUENCY AMPLIFIER TRANSISTOR AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR SILICON PNP TRANSISTOR LOW FREQUENCY PNP TRANSISTOR MEDIUM POWER LOW VOLTAGE TRANSISTOR MEDIUM POWER TRANSISTOR LOW FREQUENCY AMPLIFIER PNP EPITAXIAL SILICON TRANSISTOR PNP EPITAXIAL PLANAR TRANSISTOR 50 Amps, 60 Volts N-CHANNEL POWER MOSFET
|
UNISONIC TECHNOLOGIES CO LTD ??『绉???′唤?????? Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
2SA1898 0180 |
PNP Epitaxial Planar Silicon Transistor DC/DC Converter Application From old datasheet system PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1763 |
PNP Epitaxial Planar Silicon Transistor High-Speed Switching Applications PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1386A 2SA1386 |
Silicon PNP Epitaxial Planar Transistor(PNP外延平面晶体 15 A, 180 V, PNP, Si, POWER TRANSISTOR Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
|
Sanken Electric Co., Ltd. SANKEN[Sanken electric]
|
2SA1882 0177 |
PNP Epitaxial Planar Silicon Transistors Low-Frequency General-Purpose Amplifier Applications From old datasheet system PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1815 |
PNP Epitaxial Planar Silicon Transistor FM, RF, MIX, IF Amplifier, High-Frequency General-Purpose Amplifier Applications PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1701 |
PNP Epitaxial Planar Silicon Transistors Low-Frequency General-Purpose Amplifier Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
RN4607 |
Transistor PNP Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process) Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
|
TOSHIBA[Toshiba Semiconductor]
|
2SA1706 |
PNP Epitaxial Planar Silicon Transistors High-Current Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
BC80725MTFNL BC80816MTF FAIRCHILDSEMICONDUCTORCORP |
PNP Epitaxial Silicon Transistor 800 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Epitaxial Silicon Transistor; Package: SOT-23; No of Pins: 3; Container: Tape & Reel 800 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|