PART |
Description |
Maker |
MCRF200I_1M14D MCRF200I1M14D MCRF200I_SN00A MCRF20 |
The MCRF200 is a low cost one time contactlessly programmable passive Radio Frequency Indentification (RFID) IC device for low frequency applications (100 kMz - 400 kMz). The device has a total of 128 bits of memory and can be configured w 125 kHz microID⑩ Passive RFID Device 125 kHz microID Passive RFID Device 125 kHz microID?/a> Passive RFID Device AC 4C 4#8 SKT PLUG ER 19C 19#16 SKT PLUG 125 kHz microIDPassive RFID Device 125千赫microID⑩无RFID器件 125 kHz microIDPassive RFID Device 125千赫microID⑩无源RFID器件 125 kHz microID?Passive RFID Device
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|
MCRF250 MCRF250-I_WFQ23 MCRF250-I_P MCRF250-I_S MC |
The MCRF250 is one time contactlessly programmable passive Radio Frequency Identification (RFID) IC device with advanced anti-collision features. The device is powered by an external RF transmitter (reader) through inductive coupling. The 125 kHz microID Passive RFID Device with Anti-Collision From old datasheet system
|
MICROCHIP[Microchip Technology]
|
3061990861 |
Antenna/ RFID Rods
|
Fair-Rite Products Corp...
|
MLX90121 |
13.56MHz RFID Transceiver
|
http:// Melexis Microelectronic Systems
|
TRW-RFIDSACUSB |
UHF RFID Module
|
List of Unclassifed Man...
|
EM4123V004WS7E EM4123V004WW11 EM4123V002WS7E EM412 |
Read-only UHF RFID IC
|
EM Microelectronic - MARIN SA
|
CTTC1103F |
RFID Transponder Coils
|
Central Technologies
|
MLX90109EDCAAA-000RE MLX90109EDCAAA-000TU |
125kHz RFID Transceiver
|
Melexis Microelectronic...
|
TRW-RFIDSA6UR |
UHF RFID Module
|
List of Unclassifed Man...
|
RFCARDHITAG2 RFID231C-SYS |
RFID PROXIMITY ACCESS CONTROL
|
rfsolutions.ltd
|