PART |
Description |
Maker |
SKKH132 SKKT132 SKKT132_12E SKKT132_14E SKKT132_16 |
Cabinet Light with on/off switch; Power Rating:11W; Voltage Rating:120V; For Use With:Enclosures THYRISTOR / DIODE MODULES
|
Semikron International
|
BA3518F-T1 BA3528FP-T1 BA3506AFT1 BA3506AFE1 BA350 |
0.031 W, 2 CHANNEL, AUDIO AMPLIFIER, PDSO16 SOP-16 0.034 W, 2 CHANNEL, AUDIO AMPLIFIER, PDSO28 HSOP-28 0.069 W, 2 CHANNEL, AUDIO AMPLIFIER, PDSO18 0.04 W, 2 CHANNEL, AUDIO AMPLIFIER, PDSO18 5.4 W, 2 CHANNEL, AUDIO AMPLIFIER, PSFM12 5.2 W, 2 CHANNEL, AUDIO AMPLIFIER, PSFM10
|
Intel, Corp.
|
MAX2027 MAX2027EUP-T |
Amplifier. Other IF Digitally Controlled Variable-Gain Amplifier Amplifier.Other
|
MAXIM INTEGRATED PRODUCTS INC
|
RFSP2010 PRFS-P2010-006 P2010-DSH_E PRFS-P2010-005 |
The RFS P2010 power amplifier is a high-performance GaAs HBT IC designed for use in a transmit applications in the 2.4-2.5 GHz frequency ... 2.4-2.5 GHz Power Amplifier From old datasheet system 2.4?2.5 GHz Power Amplifier Single-band power amplifiers 2.42.5 GHz Power Amplifier 2400 MHz - 2500 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER
|
ANADIGICS[ANADIGICS, Inc] ANADIGICS[ANADIGICS Inc] ANADIGICS Inc ANADIGICS, Inc.
|
BA3420 BA3420AL A5800764 |
Audio LSIs > Pre amplifier/Line amplifier > Pre amplifier From old datasheet system Dual recording / playback preamplifier for radio cassette recorders
|
ROHM[Rohm] Rohm CO.,LTD.
|
HA5025 HA5025IB HA5025IP FN3591 HA5025EVAL HA5340 |
Triple/ 125MHz Video Amplifier High Speed/ Low Distortion/ Precision Monolithic Sample and Hold Amplifier Quad/ 560MHz/ Low Power/ Video Operational Amplifier Quad/ 125MHz Video Current Feedback Amplifier Quad, 125MHz Video Current Feedback Amplifier Quad 125MHz Video Current Feedback Amplifier From old datasheet system
|
INTERSIL[Intersil Corporation]
|
CD1353CP |
2.4W Audio Amplifier / SIF Amplifier and Detector 2.4W AUDIO AMPLIFIER, SIF AMPLIFIER AND DETECTOR FOR TV SILICON MONOLITHIC BIPOLAR INTEGRATED CIRCUIT
|
List of Unclassifed Manufacturers ETC[ETC] Shaoxing
|
CPH5902 |
Pch Nch High-Frequency Amplifier, AM Amplifier, Low-Frequency Amplifier Applications
|
Sanyo Semicon Device
|
ADR3410 |
50 ?High Linearity 1 Watt Amplifier 50 蟹 High Linearity 1 Watt Amplifier 50 з High Linearity 1 Watt Amplifier The ADR3410 is a high performance, single-stage InGaP HBT amplifier designed for use in wireless infrastructure systems as a highly ...
|
ANADIGICS[ANADIGICS, Inc] Anadigics Inc
|
BA3513 BA3513AFS A5800811 |
From old datasheet system 3V dual pre / power amplifier Audio LSIs > Headphone stereo amplifier > Prepower amplifier for headphone stereo
|
Rohm CO.,LTD.
|
S1724BBBA S1724BDBA S1724CBBA S1724CDBA S1724DDBA |
Optical amplifier platform, erbium-doped fiber amplifier. P0=16.0 dBm. Connector FC/PC. Without heat sink. Optical Amplifier Platform1724-Type Eribium-Doped Fiber Amplifier(S and V Series) Optical Amplifier Platform/1724-Type Eribium-Doped Fiber Amplifier(S and V Series) Optical Amplifier Platform,1724-Type Eribium-Doped Fiber Amplifier(S and V Series) 光放大器平台,1724 -型Eribium铒光纤放大器(S和V系列 BOARD INTERFACE KGZ/GMS 0-25% Optical amplifier platform, erbium-doped fiber amplifier. P0=13.0 dBm. Connector FC/PC. Without heat sink.
|
AGERE[Agere Systems] ERICSSON Austin Semiconductor, Inc
|