PART |
Description |
Maker |
STTH806DTI |
Tandem 600V HYPERFAST BOOST DIODE
|
STMicroelectronics
|
STTH806 STTH806TTI |
TURBOSWITCHO Tandem 600V ULTRA-FAST BOOST DIODE TURBOSWITCHO串联600V的超快速升压二极管
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
BYC8X-600 BYC8X-600-15 |
Hyperfast rectifier diode, low switching loss Hyperfast power diode BYC8X-600<SOD113 (SOD113)|<<http://www.nxp.com/packages/SOD113.html<1<,;
|
NXP Semiconductors N.V.
|
RHRP860CC RHRP840CC |
8 A, 600 V, SILICON, RECTIFIER DIODE, TO-220AB 8A, 400V - 600V Hyperfast Dual Diodes
|
FAIRCHILD SEMICONDUCTOR CORP
|
HGTP12N60A4D HGT1S12N60A4DS HGTG12N60A4D HGTG12N60 |
600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 54 A, 600 V, N-CHANNEL IGBT, TO-247 600V/ SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode Aluminum Electrolytic Radial Leaded General Purpose Capacitor; Capacitance: 47uF; Voltage: 25V; Case Size: 5x11 mm; Packaging: Bulk
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
ADP2503 |
600 mA, 2.5 MHz Buck-Boost DC-to-DC Converter
|
Analog Devices
|
APT60GF60JU2 |
Boost Chopper - IGBT Boost chopper NPT IGBT 93 A, 600 V, N-CHANNEL IGBT
|
Advanced Power Technology Microsemi, Corp.
|
8ETL06FP 8ETL06S 8ETL06-1 8ETL06 |
Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC 600V 8A Hyperfast Discrete Diode in a TO-220 FullPak package 600V 8A Hyperfast Discrete Diode in a TO-262 package 600V 8A Hyperfast Discrete Diode in a D2Pak package 600V 8A Hyperfast Discrete Diode in a TO-220AC package Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC 超低VF Hyperfast整流器不连续模式PFC
|
IRF[International Rectifier] International Rectifier, Corp.
|
HGTG12N60C3D FN4043 |
24 A, 600 V, N-CHANNEL IGBT, TO-247 From old datasheet system 24A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 24A/ 600V/ UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
|
INTERSIL[Intersil Corporation]
|