PART |
Description |
Maker |
ZXRE125 ZXRE125FR ZXRE125CF ZXRE125DF ZXRE125DN8 Z |
Analog IC 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.22 V, PBCY3 SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.22 V, PDSO8 SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.22 V, PBCY3 Analog IC 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.22 V, PDSO8 SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.22 V, PDSO3 Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3121; No. of Contacts:21; Connector Shell Size:22; Connecting Termination:Crimp; Circular Shell Style:Cable Receptacle RoHS Compliant: No
|
Analog Devices, Inc. Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
28.121.0840.0 28.121.0540.0 |
Precision, High-Side Current-Sense Amplifiers TERM.BLOCK COV'D 5 WAY TERM.BLOCK COV\u0026#39;D 5未来
|
Advanced Power Technology, Ltd.
|
18RA-10 B14-250A A18-250 14RB-38 10RC-10 18RA-250F |
CRIMP TERM RING RED 2BA Inhalt pro Packung: 100 Stk. T&B FLACHSTECKH.90CR.50/P Inhalt pro Packung: 50 Stk. CRIMP TERM FEMALE 6.35-0.8MM Inhalt pro Packung: 100 Stk. CRIMP TERM RING YELL 2BA Inhalt pro Packung: 50 Stk. CRIMP TERM FEMALE 6.35X0.8MM Inhalt pro Packung: 100 Stk. "CRIMP TERM RING YELL 3/8"" Inhalt pro Packung: 50 Stk. CRIMP TERM RING BLUE 0BA Inhalt pro Packung: 100 Stk. 环压学期BA Inhalt亲Packung00沙头角 "CRIMP TERM RING BLUE 3/8"" Inhalt pro Packung: 100 Stk. “蓝环压学期3 / 8”“Inhalt亲Packung00沙头角。 CRIMP TERM FORK 4BA Inhalt pro Packung: 100 Stk. 卷曲学期前叉4BA Inhalt亲Packung00沙头角 ISOLIERKAPPE DURCHM. 4MM 100ST Inhalt pro Packung: 100 Stk. ISOLIERKAPPE DURCHM4mm的第100届Inhalt亲Packung00沙头角 T&B FLACHSTECKH.90CR.50/P Inhalt pro Packung: 50 Stk. CRIMP TERM RING RED 4BA Inhalt pro Packung: 100 Stk. 环压学期BA Inhalt亲Packung00沙头角 CRIMP TERM RING BLUE 4BA Inhalt pro Packung: 100 Stk.
|
Thomas
|
TCN4040EOA4.1723 TCN4040ECB4.1713 TCN4041EZB1.2713 |
1-OUTPUT TWO TERM VOLTAGE REFERENCE, 4.096 V, PDSO8 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 4.096 V, PDSO3 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.2 V, PBCY3 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PBCY3
|
|
ADR520 ADR520ART-R2 ADR520ART-REEL7 ADR520BKS-R2 A |
High Precision Shunt Mode Voltage References 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PDSO3 High Precision Shunt Mode Voltage References 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 3 V, PDSO3 High Precision Shunt Mode Voltage References 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 4.096 V, PDSO3 ECONOLINE: REC3-S_DRW(Z)/H4,H6 - Safety standards and approval: EN 60950 certified, rated for 250VAV (LVD test report)- Applied for Ul 1950 Component
|
Analog Devices, Inc. AD[Analog Devices]
|
TL431BVLPRAG TL431AIDMR2G |
Programmable Precision Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.495 V, PBCY3 Adjustable 2.5-36V /- 1% Tolerance 1-100mA Shunt Regulator - PB Free; Package: Micro8™; No of Pins: 8; Container: Tape and Reel; Qty per Container: 4000 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.495 V, PDSO8
|
Rectron Semiconductor
|
1824700000 1825680000 1824800000 1824420000 182487 |
CONN TERM BLK 8PS 3.81MM R/A PCB 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLK 6POS 3.5MM STR PCB 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLOCK 8POS 5MM R/A PCB 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLK 2POS 3.5MM R/A PCB 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLK 8PS 5.08MM R/A PCB 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLK 8POS 3.5MM STR PCB 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLOCK 6POS 5MM R/A PCB 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLK 3PS 3.81MM R/A PCB 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
PV18-6R-CY PV18-6R-MY PV18-4R-CY PV18-4R-MY PV18-8 |
22-18 BARREL FUNNELED VINYL INSULATED RING TONGUE, .150(3.81) MAX WIRE INSULATION DIAMETER TERM RING VNYL INS ROHS RoHS Compliant: Yes RING TERMINAL TERM RING VINYL INS RoHS Compliant: Yes RING TERMINAL TERM RING VINYL INS RING TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):22-18; Stud Size:#8; Insulator Color:Red; Mounting Hole Dia:.17"; Overall Length:0.91"; Overall Width:0.31"; Pack Quantity:1000; Stud/Tab Size:#8 RING TERMINAL
|
PANDUIT CORP. Panduit, Corp.
|
08-65-0129 08-65-0128 08-50-0705 |
KK 156 TERM CRP 18-22 AWG ANTIFISH GOLD PHOSPHOR BRONZE, GOLD (15) FINISH, HOOK TERMINAL KK 156 TERM CRP 18-22 AWG ANTIFISH GOLD PHOSPHOR BRONZE, GOLD OVER NICKEL FINISH, WIRE TERMINAL KK 156 TERM CRP 18-22 AWG ANTIFISH TIN
|
Molex, Inc. MOLEX INC
|
REF02CP REF02CZ REF02DJ REF02AJ REF02Z REF02 REF-0 |
5V Precision Voltage Reference/Temperature Trangsducer 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, MBCY8 5V Precision Voltage Reference/Temperature Trangsducer THREE TERM VOLTAGE REFERENCE, CDIP8 5V Precision Voltage Reference/Temperature Trangsducer 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, CDIP8 5V Precision Voltage Reference/Temperature Trangsducer 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDIP8 5V Precision Voltage Reference/Temperature Trangsducer 5V的高精度电压基准/温度Trangsducer 5V Precision Voltage Reference/Temperature Trangsducer 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDSO8 5V Precision Voltage Reference/Temperature Trangsducer
|
http:// AD[Analog Devices] Analog Devices, Inc.
|
08-50-0028 08-58-0105 08-58-0118 08-58-0187 08-50- |
KK 156 TERM CRP 18-20 AWG TRIFURCON TIN BRASS, TIN (200) OVER COPPER FINISH, WIRE TERMINAL KK 156 TERM CRP 18-20 AWG TRIFURCON GOLD PHOSPHOR BRONZE, GOLD (15) OVER NICKEL FINISH, WIRE TERMINAL KK 156 TERM CRP 18-20 AWG TRIFURCON GOLD PHOSPHOR BRONZE, GOLD (30) OVER NICKEL FINISH, WIRE TERMINAL Solderless Terminal; Body Material:Brass; Contact Plating:Tin; Series:6838; Wire Size (AWG):20-18; External Depth:0.11"; Lead Pitch:3.96mm; Operating Temp. Min:0 C; Voltage Rating:250V RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
|