PART |
Description |
Maker |
07LC-25T033 07LC-25T120 07LC-25T 07LC-25T050 |
ISOLATED DC/DC CONVERTERS 48V Input 3.3V/7A or 5V/5A or 12V/2.5A Output
|
BEL[Bel Fuse Inc.]
|
07LC-10T240 07LC-10T120 07LC-10T 07LC-10T050 |
ISOLATED DC/DC CONVERTERS 48V Input / 5V/2A or 12V/1A or 24V/0.5A Output
|
BEL[Bel Fuse Inc.]
|
07CY-60T03L 07CY-60T05L 07CY-60T12L 07CY-60T120 07 |
ISOLATED DC/DC CONVERTERS 48V Input 3.3V/15A, 5V/12A, 12V/5A Output, 1/8 Brick
|
BEL[Bel Fuse Inc.]
|
E48SR12005 E48SR12005NKFA E48SR12005NMFA E48SR1200 |
Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 12V/5A out
|
DELTA[Delta Electronics, Inc.]
|
Q48VDB12003PRMNFA Q48DB12003NRFA Q48VDB12003NKFA Q |
Delphi Series Q48DB, 65W Quarter Brick Dual Output DC/DC Power Modules: 48V in, ±12V, 2.7A Output Delphi Series Q48DB, 65W Quarter Brick Dual Output DC/DC Power Modules: 48V in, 【12V, 2.7A Output
|
DELTA[Delta Electronics, Inc.]
|
LT1108 LT1108-12 LT1108-5 LT1108CN8 LT1108CN8-12 L |
4-Bit Synchronous Up/Down Binary Counters With Dual Clock and Clear 16-SOIC 0 to 70 From old datasheet system Micropower DC/DC Converter Adjustable and Fixed 5V, 12V Micropower DC/DC Converter Adjustable and Fixed 5V/ 12V
|
LINEAR TECHNOLOGY CORP LINER[Linear Technology]
|
TC7660S TC7660SEOA TC7660SEPA TC7660SMJA TC7660SCP |
SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER The TC7660S is a pin-compatible upgrade to the Industry standard TC7660 charge pump voltage converter. It converts a 1.5V to 12V input to a corresponding -1.5V to -12V output using only two low-cost capacitors, eliminating inductors and
|
MICROCHIP[Microchip Technology]
|
HLS30ZD HLS30ZG HLS30ZE |
HLS30 Series . 30A Half-Brick DC/DC Converter 48V Input 5.0V, 3.3V, 2.5V Output HLS30系列30A条半砖DC / DC转换8V输入5.0V.3V.5V输出 HLS30 Series . 30A Half-Brick DC/DC Converter 48V Input 5.0V/ 3.3V/ 2.5V Output HLS30 Series . 30A Half-Brick DC/DC Converter 48V Input 5.0V 3.3V 2.5V Output
|
Kingbright, Corp. POWER-ONE[Power-One]
|
CD4066BC CD4066BCM CD4066BCN CD4066BCSJ |
Photoelectric Sensor; Sensor Input Type:Fiber-Optic; Sensor Output:NPN; Output Type:NPN LO/DO; Supply Voltage Max:24V; Supply Voltage Min:12V RoHS Compliant: Yes QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO14 Quad Bilateral Switch
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
NX8563LA-AZ NX8563LA509-CD NX8563LAS509-CD NX8563L |
; Leaded Process Compatible:Yes TVS UNI-DIR 68V 1500W DO-201 TVS BI-DIR 68V 1500W DO-201 3A 100V Schottky Rectifier; Package: Axial Lead 9.50x5.30mm, 25.4x1.20mm Pkg, Lead len/dia; No of Pins: 2; Container: Bulk; Qty per Container: 500 CONVERTER DC-DC 1W 5V/14V SGL CONVERTER DC-DC 1W 5V/12V SGL CONVERTER DC-DC 1W 7V/7V DUAL DIODE ZENER SINGLE 200mW 5.6Vz 20mA-Izt 0.02504 0.5uA-Ir 2.5 SOD-323 3K/REEL NECs DIRECTLY MODULATED InGaAsP MQW-DFB LASER DIODE MODULE FOR 2.5 GB/s, 110 KM AND 240 KM REACH DWDM METRO AND CATV APPLICATIONS 邻舍直接调制InGaAsP多量子阱激光器激光二极管模块.5 GB /秒,110公里40公里REACH的DWDM城域和有线电视领域的应用 MILITARY BATTERY RoHS Compliant: NA 邻舍直接调制InGaAsP多量子阱激光器激光二极管模块.5 GB /秒,110公里40公里REACH的DWDM城域和有线电视领域的应用 DIODE ZENER SINGLE 500mW 5.6Vz 20mA-Izt 0.02504 0.5uA-Ir 2.5 SOD-123 3K/REEL 邻舍直接调制InGaAsP多量子阱激光器激光二极管模块.5 GB /秒,110公里40公里REACH的DWDM城域和有线电视领域的应用 CONVERTER DC-DC 1W 5V/5V DUAL 邻舍直接调制InGaAsP多量子阱激光器激光二极管模块.5 GB /秒,110公里40公里REACH的DWDM城域和有线电视领域的应用 NECs DIRECTLY MODULATED InGaAsP MQW-DFB LASER DIODE MODULE FOR 2.5 GB/s, 110 KM AND 240 KM REACH DWDM METRO AND CATV APPLICATIONS 邻舍直接调制InGaAsP多量子阱激光器激光二极管模块2.5 GB /秒,110公里240公里REACH的DWDM城域和有线电视领域的应用
|
California Eastern Laboratories, Inc.
|
LT1110 LT1110-12 LT1110-5 LT1110CN8 LT1110CN8-12 L |
Micropower DC-DC Converter Adjustable and Fixed 5V/ 12V Micropower DC-DC Converter Adjustable and Fixed 5V, 12V From old datasheet system
|
LINER[Linear Technology]
|
HBT060ZGHH HBT060ZGHH-A |
HBT Series . Half-Brick DC/DC Converter 48V Input 60 Watt Triple Output
|
POWER-ONE[Power-One]
|