PART |
Description |
Maker |
JFW050F JFW050F1 |
IC Converter DC-DC Step Down 48VIN Power Module: dc-dc Converter, 36 to 75 Vdc Input, 3.3 Vdc Output
|
Tyco Electronics
|
AT80C5112 |
DC-DC Converter, 15Watt, Input VDC: 9~36, Output VDC: 12, Max Output Current(A): 1.25, Package: 2x1, Isolation(VDC): 1500, Operating Temp. -40C
|
Atmel Corp.
|
JFW050C JFW050C1 |
Power Module: dc-dc Converter, 36 to 75 Vdc Input, 15 Vdc Output DC-DC Converter: (36 to 75) V to (15) V
|
Tyco Electronics
|
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
FEC40-24D3305 FEC40-24T0512 FEC40-24T3312 FEC40-24 |
Input range:18-36 VDC;output voltage:3.3/5 VDC; output current:4/4 A mA;input current:1729 mA; 40 W DC-DC converter Input range:18-36VDC;output voltage:5/ /-12 VDC; output current:6000/ /400 mA mA;input current:1989 mA; 40 W DC-DC converter Input range:18-36 VDC;output voltage:3.3/ /-12 VDC; output current:6000/ /400 mA mA;input current:1512 mA; 40 W DC-DC converter Input range:18-36 VDC;output voltage:5/ /-15 VDC; output current:6000/ /300 mA mA;input current:1958 mA; 40 W DC-DC converter
|
Power Mate Technology
|
LANC4805UW12-S |
DC/DC Converter 18-75 VDC Input 5.1 VDC Output at 2.4A
|
Wall Industries,Inc.
|
LANC245.1W12 LANC245.1W12-S |
DC/DC Converter 18-36 VDC Input 5.1 VDC Output at 2.4A
|
Wall Industries,Inc.
|
LANC4812UW12-S |
DC/DC Converter 18-75 VDC Input 12 VDC Output at 1.0A
|
Wall Industries,Inc.
|
LANC482.5W12-S LANC482.5W12 |
DC/DC Converter 36-75 VDC Input 2.5 VDC Output at 3.5A
|
Wall Industries,Inc.
|
LANC242.5W12-S LANC242.5W12 |
DC/DC Converter 18-36 VDC Input 2.5 VDC Output at 3.5A
|
Wall Industries,Inc.
|
SLIN-06E1A0 SLIN-06E1AL SLIN-06E1AX |
NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /6 A Outputs
|
Bel Fuse Inc.
|
SLIN-06E2A0 SLIN-06E2AL SLIN-06E2AX |
NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /6 A Outputs
|
Bel Fuse Inc.
|