PART |
Description |
Maker |
B67345 B67345B0003X087 B67345B0004X087 |
Ferrites and accessories UU 93/152/16, UI 93/104/16 Core set 铁氧体及配件支原3/152/16,用户界3/104/16核心
|
EPCOS AG
|
SD1013-3 RF115 SD1013-03 |
RF MICROWAVE TRANSISTORS 108-152 MHZ APPLICATIONS VHF BAND, Si, NPN, RF POWER TRANSISTOR From old datasheet system RF & MICROWAVE TRANSISTORS 108-152 MHz APPLICATIONS
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
SD1019 |
RF & MICROWAVE TRANSISTORS 108-152 MHz APPLICATIONS VHF BAND, Si, NPN, RF POWER TRANSISTOR RF & MICROWAVE TRANSISTORS 108-152 MHz APPLICATIONS
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
PIC16F877ATI_L PIC16F877ATI/L PIC16F877ATI/SO PIC1 |
28/40-pin Enhanced FLASH Microcontrollers 28/40-pin增强闪存微控制器 Marine Lamp, 4 in x 6 in [101,6 mm x 152,4 mm], Spot Beam Pattern, 12 Vdc/50 W/4 A, Flush mounting 28/40-pin增强闪存微控制器 Marine Lamp, 4 in x 6 in [101,6 mm x 152,4 mm], Wide Flood Beam Pattern, 24 Vdc/60 W/2.5 A, Flush mounting Marine Lamp, 4 in x 6 in [101,6 mm x 152,4 mm], Spot Beam Pattern, 12 Vdc/50 W/4 A, Stud mounting Circular Connector; No. of Contacts:55; Series:MS27473; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:16; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:16-35 RoHS Compliant: No JT 6C 6#12 PIN PLUG RECTIFIER STANDARD SINGLE 1A 50V 50 30A-ifsm 5uA-ir 1.1V-vf SMB 3K/REEL (PIC16F873A - PIC16F877A) 28/40/44-Pin Enhanced Flash Microcontrollers
|
Microchip Technology, Inc. Microchip Technology Inc.
|
SN54_74LS148 SN54_74LS147 SN54_74LS748 ON2830 |
10-LINE-TO-4-LINE AND 8-LINE-TO-3-LINE PRIORITY ENCODERS From old datasheet system
|
ON Semi
|
XCCACEM32-BG388I XCCACEM64-BG388I |
Configuration rates up to 152 Mb per second
|
Xilinx, Inc
|
TFDU5103 TFDU5103-TR3 TFDU5103-TT3 |
Fast Infrared Transceiver Module (MIR, 1.152 Mbit/s) \r\nfor 2.7 V to 5.5 V Operation Fast Infrared Transceiver Module (MIR/ 1.152 Mbit/s) for 2.7 V to 5.5 V Operation Fast Infrared Transceiver Module (MIR, 1.152 Mbit/s) for 2.7 V to 5.5 V Operation
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc.
|
ICS548G-05CLF ICS548G-05CILF ICS548G-05CILFT |
49.152 MHz, OTHER CLOCK GENERATOR, PDSO16 MO-153, TSSOP-16
|
Integrated Device Technology, Inc.
|
OLS-152Y_Y-C-T OLS-152Y_Y-C-TD OLS-152Y_Y-CD-T OLS |
Series 152 - 1206 - Bipolar monocolor low cost
|
OSA Opto Light GmbH
|
OLS-150HSD_HSD-C-T OLS-150HSD_HSD-C-TD OLS-150HSD_ |
Series 152 - 1206 - Bipolar monocolor High luminous intensity
|
OSA Opto Light GmbH
|
MR533203J |
2,097,152-Word X 16-Bit MASK ROM From old datasheet system
|
OKI
|